Electronic Components Datasheet Search
  English  ▼

X  

ACTF4034 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF4034
Description  low-loss, compact, and economical surface-acoustic-wave (SAW)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4034 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF4034 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4034 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4034 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
The ACTF4034/426.0/DCC6 is a low-loss, compact, and economical surface-acoustic-wave (SAW)
RF filter in a surface-mount ceramic DCC6 case for FRS & PMR mobile radio applications.
( Centre frequency : 426.0MHz )
1. Package Dimension (DCC6)
2.
3. Matching Circuit
Pin
Configuration
2
Input
5
Output
1,3,4,6
Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
1.90±0.1
E
1.35±0.15
B
0.64±0.1 (x6)
F
3.80±0.15
C
1.00±0.1 (x5)
G
3.80±0.15
D
1.27±0.1 (x4)
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF4034

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF4034 ACT-ACTF4034 Datasheet
159Kb / 3P
RF Fillter
March 2010
ACTF4034/426.0/DCC6 ACT-ACTF4034/426.0/DCC6 Datasheet
159Kb / 3P
RF Fillter
March 2010
ACTF4034 ACT-ACTF4034_10 Datasheet
159Kb / 3P
RF Fillter
March 2010
More results

Similar Description - ACTF4034

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF4025 ACT-ACTF4025 Datasheet
103Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF4032 ACT-ACTF4032 Datasheet
87Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF5565 ACT-ACTF5565 Datasheet
92Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF8002 ACT-ACTF8002 Datasheet
51Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF8008 ACT-ACTF8008 Datasheet
50Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF0016 ACT-ACTF0016 Datasheet
81Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF1459 ACT-ACTF1459 Datasheet
37Kb / 2P
low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF2703 ACT-ACTF2703 Datasheet
69Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4003 ACT-ACTF4003 Datasheet
67Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4006 ACT-ACTF4006 Datasheet
62Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com