Electronic Components Datasheet Search
  English  ▼

X  

ACTF5914 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF5914
Description  low-loss, compact and economical surface-acoustic-wave (SAW) filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF5914 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF5914 Datasheet HTML 1Page - Advanced Crystal Technology ACTF5914 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5.Performance
5-1.Maximum Ratings
ITEM
SYMBOL
RATING
UNIT
Input Power
Pin
15
dBm
DC Voltage
VDC
3
V
Operating Temperature Range
Topr
-10 ~ +55
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
5-2.Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Centre frequency
fC
Port1
Port2
914.500
959.500
MHz
MHz
Maximum Insertion attenuation
αMAX
Port1: 914.000…915.000 MHz
Port2: 959.000…960.000 MHz
3.5
3.5
4.5
4.5
dB
dB
Amplitude ripple(p-p)
Port1: 914.000…915.000 MHz
Port2: 959.000…960.000 MHz
0.7
0.7
2.0
2.0
dB
dB
Absolute attenuation Port1
α
959.000…960.000 MHz
30
35
dB
Absolute attenuation Port2
α
914.000…915.000 MHz
30
35
dB
Temperature coefficient of frequency
TCf
-30
ppm/K
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
2.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
3.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
4.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
5.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com