| Electronic Components Datasheet Search |
|
AM261...ZEJ Datasheet(PDF) 81 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ Datasheet(HTML) 81 Page - Texas Instruments |
|
81 / 218 page ![]() Table 5-71. UART5 Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] UART5_TXD O UART Transmit Data B10, B15, C14, P15, U3 A18, D10, D17, W1, W17 A9, B14, B16, P1, T15 A17, U1, W16 5.3.23 USB0 Table 5-72. USB0 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] USB0_DM IO USB 2.0 Differential Data (negative) U3 W1 P1 U1 USB0_DP IO USB 2.0 Differential Data (positive) V2 V1 R1 V1 USB0_DRVVBUS O USB VBUS control output (active high) B8, M2, P2 B10, M1, U2 B8, H1, P3 A10, J3, T1 5.3.24 XBAR Table 5-73. Output XBAR Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] XBAROUT0 O OUTPUTXBAR Signal 0 C11, R3 B13, T2 B11, M3 C13, R2 XBAROUT1 O OUTPUTXBAR Signal 1 A11, C9 A13, D11 A12, B9 A12 XBAROUT2 O OUTPUTXBAR Signal 2 A10, C10 A12, B12 A10, B10 B12 XBAROUT3 O OUTPUTXBAR Signal 3 B10, B11 C12, D10 A11, A9 B11 XBAROUT4 O OUTPUTXBAR Signal 4 A7, D9 A8, C9 A6, C11 A8 XBAROUT5 O OUTPUTXBAR Signal 5 A6, A9 A11, B8 B6, C10 A11, B8 XBAROUT6 O OUTPUTXBAR Signal 6 B9, G17 B11, K19 D8, F14 B10, G17 XBAROUT7 O OUTPUTXBAR Signal 7 D7, K16 B9, L20 B7, G15 J19 XBAROUT8 O OUTPUTXBAR Signal 8 C8, K17 A9, N17 A8, K14 M18 XBAROUT9 O OUTPUTXBAR Signal 9 C7 C7 C8 C9 XBAROUT10 O OUTPUTXBAR Signal 10 B7 D8 A7 A9 XBAROUT11 O OUTPUTXBAR Signal 11 D16, K18 C20, N19 H14 B19, L19 XBAROUT12 O OUTPUTXBAR Signal 12 C17, J18 D19, M18 G16 C17, K19 XBAROUT13 O OUTPUTXBAR Signal 13 D15, J17 C18, M20 J14 B16, L17 XBAROUT14 O OUTPUTXBAR Signal 14 C15, L17 C19, R19 K15 B17, N17 XBAROUT15 O OUTPUTXBAR Signal 15 L18, P2 R20, U2 K16, P3 P19, T1 Table 5-74. External ADC Channel Select XBAR Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] ADC_EXTCH_XBAROUT0 O External ADC Channel Select XBAR Signal 0 C11, C13 A17, B13 A14, B11 A16, C13 ADC_EXTCH_XBAROUT1 O External ADC Channel Select XBAR Signal 1 A11, C14 A13, D17 A12, B14 A12 ADC_EXTCH_XBAROUT2 O External ADC Channel Select XBAR Signal 2 C10, C12 B12, C14 A10, C12 A14, B12 ADC_EXTCH_XBAROUT3 O External ADC Channel Select XBAR Signal 3 B11, D11 C12, D15 A11, B13 B11, B14 www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 81 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |