| Electronic Components Datasheet Search |
|
AM261...ZEJQ1 Datasheet(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJQ1 Datasheet(HTML) 48 Page - Texas Instruments |
|
48 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] D4 E3 B3 C5 SAFETY_ERRORn SAFETY_ERRORn_CFG_RE G 0x5310 0238 0x0000 0410 SAFETY_ERRORn 0 IO On / Low / Down On / NA / Down Mode0 3.3V Yes LVCMOS PU/PD B3 D4 C6 B6 TCK TCK_CFG_REG 0x5310 0248 0x0000 0210 TCK 0 I On / Low / Up On / NA / Up Mode0 3.3V Yes LVCMOS C5 C5 D5 C7 TDI TDI_CFG_REG 0x5310 023C 0x0000 06D0 TDI 0 I On / Low / Up On / Off / Up Mode0 3.3V Yes LVCMOS PU/PD C4 E5 B5 A7 TDO TDO_CFG_REG 0x5310 0240 0x0000 0630 TDO 0 O Off / Low / Up Off / NA / Up Mode0 3.3V Yes LVCMOS PU/PD U1 W3 P5 W4 TEMPCAL TEMPCAL - - Analog D5 D6 C7 B7 TMS TMS_CFG_REG 0x5310 0244 0x0000 0610 TMS 0 IO On / Low / Up On / NA / Up Mode0 3.3V Yes LVCMOS PU/PD E11, E9, F11, F9, G13, G14, G5, G6, K13, K14, K5, K6, N13, N14, N5, N6 F12, F14, F7, F9, G15, G6, J15, J6, M15, M6, P15, P6, R7 E11, E5, E7, E9, F12, G5, H12, J5, K12, L5, M12, M6 E10, E12, E14, E6, E8, F15, F5, H15, H5, K15, K5, M15, M5, P15, P5, R15, R6, T6 VDD VDD Power 1.2V/1.25V 0 - 0 R11, R6, R8 U10, U11 N9 U9 VDDA18_LDO VDDA18_LDO Power 1.8V 0 - 0 R4 U8 N6 U7 VDDA18_OSC_PLL VDDA18_OSC_PLL Power 1.8V 0 - 0 R4 T5 N4 U3 VDDA18_USB VDDA18_USB Power 1.8V 0 - 0 P11, P7, P9 T12, T9 M10, M8 T10, T12 VDDA33 VDDA33 Power 3.3V 0 - 0 R15 P5 M4 R3 VDDA33_USB VDDA33_USB Power 3.3V 0 - 0 D10 D13 D10 C11 VDDAR2 VDDAR2 Power 1.2V/1.25V 0 - 0 H3 H4 G4 G3 VDDAR3 VDDAR3 Power 1.2V/1.25V 0 - 0 D6, E15, L4, N15 E14, E9, F4, G16, L17, N4, T16 D12, D6, D9, E4, G13, K13, K4, N13 D10, D14, D6, H16, H4, L3, M16, T16 VDDS18 VDDS18 Power 1.8V 0 - 0 T3 U6 P4 V4 VDDS18_LDO VDDS18_LDO Power 1.8V 0 - 0 AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 48 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |