Electronic Components Datasheet Search
  English  ▼

X  

AS1115-BSST Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS1115-BSST
Description  64 LEDs, I ²C Inter faced LED Dr iver wi th Keyscan
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1115-BSST Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS1115-BSST Datasheet HTML 7Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 8Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 9Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 10Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 11Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 12Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 13Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 14Page - ams-OSRAM AG AS1115-BSST Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
9 - 25
AS1115
Datasheet - D e t a i l e d D e s c r i p t i o n
I²C Interface
The AS1115 supports the I²C serial bus and data transmission protocol in high-speed mode at 3.4MHz. The AS1115 operates as a slave on the
I²C bus. The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the START
and STOP conditions. Connections to the bus are made via the open-drain I/O pins SCL and SDA.
Figure 18. I²C Interface Initialization
Figure 19. Bus Protocol
The bus protocol (as shown in Figure 19) is defined as:
- Data transfer may be initiated only when the bus is not busy.
- During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line while the clock line is
HIGH will be interpreted as control signals.
The bus conditions are defined as:
- Bus Not Busy. Data and clock lines remain HIGH.
- Start Data Transfer. A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a START condition.
- Stop Data Transfer. A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP condition.
- Data Valid. The state of the data line represents valid data, when, after a START condition, the data line is stable for the duration of the
HIGH period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes transferred
between START and STOP conditions is not limited and is determined by the master device. The information is transferred byte-wise and
each receiver acknowledges with a ninth-bit.
Within the I²C bus specifications a high-speed mode (3.4MHz clock rate) is defined.
- Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The mas-
ter device must generate an extra clock pulse that is associated with this acknowledge bit. A device that acknowledges must pull down the
SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW during the HIGH period of the acknowledge
clock pulse. Of course, setup and hold times must be taken into account. A master must signal an end of data to the slave by not generat-
1
9
8
1
9
8
0
0
0
0
0
A1
A0 R/W
D15 D14 D13 D12 D11 D10
D9
D8
Default values at power up: A1 = A0 = 0
SDI
SCL
Slave Address
R/W
Direction Bit
START
1
2
6
7
8
9
1
2
3-8
8
9
ACK
MSB
Repeat if More Bytes Transferred
STOP or
Repeated
START
ACK from
Receiver
ACK from
Receiver
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com