Electronic Components Datasheet Search
  English  ▼

X  

C10 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 27Page - ams-OSRAM AG C10 Datasheet HTML 28Page - ams-OSRAM AG C10 Datasheet HTML 29Page - ams-OSRAM AG C10 Datasheet HTML 30Page - ams-OSRAM AG C10 Datasheet HTML 31Page - ams-OSRAM AG C10 Datasheet HTML 32Page - ams-OSRAM AG C10 Datasheet HTML 33Page - ams-OSRAM AG C10 Datasheet HTML 34Page - ams-OSRAM AG C10 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
29 - 70
Curr3 control1
Addr: 12h
This register select the modes of the current sinks30..33 current.
Bit
Bit Name
Default
Access Description
3
txmask_on
0b
R/W
Enables the txmask operation
0b = disabled
1b = During Strobe current is reduced to Preview levels if GPIO1 =1
4
curr3x_ext_ovtemp
0b
R/W
Selects overtemperature switch off of flash LED
0b = normal operation of CURR3x
1b = if the voltage on GPIO2 drops below 1.25V, CURR3x is
switched from strobe to preview current levels
(can be used to monitor the temperature of the flash led)
5
curr3x_strobe_high
0b
R/W
Doubles curr3x current during strobe
0b = normal operation of CURR3x (0..153 mA)
1b = Doubles current during strobe (0..300mA)
6
txmask_invert
0b
R/W
Inverts the GPIO1 input for txmask function
0b = GPIO1 not inverted
1b = GPIO1 inverted
Curr3 strobe control
Addr: 11h
This register select the modes of the current sinks30..33 current.
Bit
Bit Name
Default
Access Description
1:0
strobe_ctrl
00b
R/W
Strobe is triggered by
00b = off
01b = software trigger (setting this bit automatically triggers strobe)
10b = GPI active high
11b = GPI active low
3:2
strobe_mode
00b
R/W
Selects strobe mode
00b = Mode 1 (Tstrobe=Ts; strobe trigger signal >= 10µs)
01b = Mode 2 (Tstrobe=max Ts)
10b = Mode 3 (Tstrobe = strobe signal)
11b = not used
7:4
strobe_timing
0000b
R/W
Selects strobe time (Ts)
0000b = 100 msec
0001b = 200 msec
0010b = 300 msec
0011b = 400 msec
0100b = 500 msec
0101b = 600 msec
0110b = 700 msec
0111b = 800 msec
1000b = 900 msec
1001b = 1000 msec
1010b = 1100 msec
1011b = 1200 msec
1100b = 1300 msec
1101b = 1400 msec
1110b = 1500 msec
1111b = 1600 msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com