Electronic Components Datasheet Search
  English  ▼

X  

CBE Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # CBE
Description  Standard PCB card ejector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CBE Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CBE Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EJECTOR / CBE
●
●
■
PPHOX(
)
●
●
●
(
:
)
Specification drawing
Specification drawing
Specification drawing
Applicable panel thickness
:=1.6
Applicable panel thickness
:=1.6
Applicable panel thickness
:=1.6
(Unit:mm)
Std. Package : 500pcs.
Std. Package :100pcs.
Std. Package :100pcs.
Std. Package :100pcs.
Specification drawing for metal fitting
(Unit:mm)
CBE-12
CBE-14
CBE-2P
(For both insertion and extraction)
Spring pin mounting
Features
Material
● Nylon 6(Color:Natural)
● Polyacetal(Color:Natural)
● Polyethylene terephthalate(Color:Natural)
: CBE-12
: CBE-12
: CBE-14
: CBE-14
: CBE-2P
: CBE-2P
● Provides easy extraction of a connected
PCB by using leverage.
UL94 V-2
UL94 HB
UL94 V-0
1.2
R3.25
7.32
22.4
13
8.25
4
(ガイド)
(基板)
R5
5
8.25±0.05
φ
1.2+0.10
φ
2.8 0.05
+
-
4
R5
5
8.25±0.05
φ
1.2+0.10
φ
2.8 0.05
+
-
板厚:t1 0.2
+
-
(7.65
)
R4.25
φ
4.4
25
30
7.2
1.2
■
■
16±0.1
+0.1
 0
φ
4.5
+0.1
 0
φ
4.5
Part No.
Mounting hole size Panel thickness Std. Package
φ4.5 
500 pcs.
1.6±0.1
CBE-18
+0.1
 0
(Unit:mm)
6.7
11.1
35
2-φ2.5
8
6.4
7.9
30.3
2-φ2.5
6.8
6 10
5.8
11
18
38
2-φ2.5
8
6.4±0.2
φ
2.8±0.2
7.5
φ
2.7±0.1
0
-0.1
6±0.2
R6
φ
2.8±0.2
Metal fitting for insertion
Metal fitting for extraction
Insertion
Extraction
11 
+1
 
0
0.3 +0.2
 
0
3.4  
+0.4
 0
●
Round hole
+
-
0.15
: 0.2
1+-
Standard PCB card ejector
28


Similar Part No. - CBE

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CBE TEC-CBE Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
Richco, Inc.
CBE-11 RICHCO-CBE-11 Datasheet
45Kb / 1P
CIRCUIT BOARD EJECTOR
CBE-12 RICHCO-CBE-12 Datasheet
45Kb / 1P
CIRCUIT BOARD EJECTOR
CBE-13 RICHCO-CBE-13 Datasheet
45Kb / 1P
CIRCUIT BOARD EJECTOR
CBE-14 RICHCO-CBE-14 Datasheet
45Kb / 1P
CIRCUIT BOARD EJECTOR
More results

Similar Description - CBE

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
415-7036 CAMBION-415-7036 Datasheet
130Kb / 2P
Card Edge Ejector
logo
Richco, Inc.
CBE-8 RICHCO-CBE-8 Datasheet
45Kb / 1P
CIRCUIT BOARD EJECTOR
logo
3M Electronics
7E50 3M-7E50 Datasheet
877Kb / 4P
CF Card Ejector and Latching Retainer
Jun-2015
logo
Samtec, Inc
EHF-105-01-L-D-SM-K SAMTEC-EHF-105-01-L-D-SM-K Datasheet
796Kb / 1P
SHROUDED & EJECTOR IDC HEADER
EJH-110-02-L-D-TH SAMTEC-EJH-110-02-L-D-TH Datasheet
686Kb / 1P
SHROUDED IDC EJECTOR HEADERS
EHF-113-01-L-D SAMTEC-EHF-113-01-L-D Datasheet
426Kb / 1P
SHROUDED & EJECTOR IDC HEADER
logo
Adam Technologies, Inc.
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
CF SOCKET EJECTOR
logo
PHOENIX CONTACT
2279745 PHOENIX-2279745 Datasheet
45Kb / 2P
Ejector for COMBICON plug
logo
Pentair plc. All rights...
MSP40 PENTAIR-MSP40 Datasheet
826Kb / 16P
MSP40 Submersible Sewage Ejector
logo
List of Unclassifed Man...
452E ETC-452E Datasheet
1Mb / 4P
452E Post Ejector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com