Electronic Components Datasheet Search
  English  ▼

X  

CSG-016 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # CSG-016
Description  100-m grommet strip that protects cables from edges of panel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CSG-016 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CSG-016 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cutting available
Please contact our sales department for details.
Please contact our sales department for details.
Please contact our sales department for details.
Insertion Mounting
●
●
・
●
(
:
)
●
(
:
)
Features
● Protects cables from chafing against sharp edges of
panels and chassis.
● Economical long type.
● Fits well even to corners.
GROMMET / CSG
● Nylon 6 (Color:Natural )
Material
UL94 HB
●
●
●
●
(
:
)
※
B
A
Part No.
D
Std. Package
CSG-012
CSG-016
CSG-024
CSG-032
Panel
thickness
1.2
1.6
2.3
3.2
A
1.3
1.7
2.4
3.3
B
3.3
3.7
4.4
5.3
C
5.0
5.2
1.0
1.2
100m
pcs.
A
A
B
A
E
1000
Part No.
Material
Std. Package
GEE62F-A-C
GEE99F-A-C
GEE144F-A-C
GEE62F-A-C0
GEE99F-A-C0
GEE144F-A-C0
GES62F-A-C
GES99F-A-C
GES144F-A-C
GES62F-A-C0
GES99F-A-C0
GES144F-A-C0
A
3.3
4.3
5.4
3.3
4.3
5.4
3.3
4.3
5.4
3.3
4.3
5.4
B
4.1
4.7
5.7
4.1
4.7
5.7
4.1
4.7
5.7
4.1
4.7
5.7
0.9~1.6
1.57~2.5
2.5~3.7
0.9~1.6
1.6~2.5
2.5~3.7
0.9~1.6
1.6~2.5
2.5~3.7
0.9~1.6
1.6~2.5
2.5~3.7
Panel thickness
Polyethylene
Weather-resistant
Polyethylene
Polyethylene
Weather-resistant
Polyethylene
30.48m
30.48m
Part No.
D
Std.
Package
CE-010L
CE-012SN
CE-012N
CE-016N
CE-024N
CE-032N
Panel
thickness
0.6~0.8
1.0~1.2
1.2~1.5
1.6~2.3
2.3~3.2
A
0.3
0.5
0.6
0.9
1.2
1.5
B
1.0
1.3
1.7
2.4
3.3
C
1
5
E
3.0
3.3
3.7
4.4
5.3
100
pcs.
(Unit:mm)
(Unit:mm)
(Unit:mm)
※
100-m grommet strip that protects cables from
edges of panel
95


Similar Part No. - CSG-016

ManufacturerPart #DatasheetDescription
logo
Clarke International
CSG10 CLARKE-CSG10 Datasheet
66Kb / 2P
3-Way Staple Gun
logo
OSRAM GmbH
CSG14K OSRAM-CSG14K Datasheet
3Mb / 114P
13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
v2-01 2023-Feb-10
CSG14K-1E5C1LA OSRAM-CSG14K-1E5C1LA Datasheet
3Mb / 114P
13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
v2-01 2023-Feb-10
CSG14K-1E5C1LA OSRAM-CSG14K-1E5C1LA Datasheet
3Mb / 114P
13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
v2-01 2023-Feb-10
CSG14K-1E5M1LA OSRAM-CSG14K-1E5M1LA Datasheet
3Mb / 114P
13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
v2-01 2023-Feb-10
More results

Similar Description - CSG-016

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-E0110S05 ALLEN-BRADLEY-440F-E0110S05 Datasheet
190Kb / 9P
Safety Edges
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
Safety Edges
logo
Richco, Inc.
PGM-1 RICHCO-PGM-1 Datasheet
135Kb / 1P
PUSH GROMMET HOLE PLUG [M SERIES]
logo
List of Unclassifed Man...
14228 ETC2-14228 Datasheet
86Kb / 2P
Protects Front of Outlet Connector
PB00034 ETC2-PB00034 Datasheet
4Mb / 4P
DataTuff Cat 5e PROFINET Cables from Belden
logo
SynQor Worldwide Headqu...
PQ40150QGX07 SYNQOR-PQ40150QGX07 Datasheet
2Mb / 16P
Output over-voltage protection protects load from damaging voltages
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EKXXX SYNQOR-PQ60150EKXXX Datasheet
844Kb / 15P
Thermal shutdown protects converter from abnormal environmental conditions
logo
Future Technology Devic...
TTL-234X-3V3 FTDI-TTL-234X-3V3 Datasheet
631Kb / 27P
Series Range of Cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com