Electronic Components Datasheet Search
  English  ▼

X  

RA4M3 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # RA4M3
Description  Renesas Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M3 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button RA4M3_V01 Datasheet HTML 25Page - Renesas Technology Corp RA4M3_V01 Datasheet HTML 26Page - Renesas Technology Corp RA4M3_V01 Datasheet HTML 27Page - Renesas Technology Corp RA4M3_V01 Datasheet HTML 28Page - Renesas Technology Corp RA4M3_V01 Datasheet HTML 29Page - Renesas Technology Corp RA4M3_V01 Datasheet HTML 30Page - Renesas Technology Corp RA4M3_V01 Datasheet HTML 31Page - Renesas Technology Corp RA4M3_V01 Datasheet HTML 32Page - Renesas Technology Corp RA4M3_V01 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
Table 2.7
Operating and standby current (2 of 2)
Parameter
Symbol
Min Typ
Max
Unit Test conditions
Reference
power supply
current
(VREFH0)
During 12-bit A/D conversion (unit 0)
AIREFH0
—
70
120
µA
—
Waiting for 12-bit A/D conversion (unit 0)
—
0.07
0.5
µA
—
ADC12 in standby modes (unit 0)
—
0.07
0.5
µA
—
Reference
power supply
current
(VREFH)
During 12-bit A/D conversion (unit 1)
AIREFH
—
70
120
µA
—
During D/A conversion (per unit)
Without AMP output
—
0.1
0.4
mA
—
With AMP output
—
0.1
0.4
mA
—
Waiting for 12-bit A/D (unit 1), D/A (all units) conversion
—
0.07
0.8
µA
—
ADC12 unit 1 in standby modes
—
0.07
0.8
µA
—
USB
operating
current
Low speed
USB
ICCUSBLS —
3.5
6.5
mA
VCC_USB
Full speed
USB
ICCUSBFS —
4.0
10.0
mA
VCC_USB
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions. This does not include the BGO operation.
Note 3. ICC depends on f (ICLK) as follows.
ICC Max. = 0.53 × f + 42 (max. operation in high-speed mode)
ICC Typ. = 0.09 × f + 3.6 (normal operation in high-speed mode, all peripheral clocks disabled)
ICC Typ. = 0.2 × f + 1.7 (low-speed mode)
ICC Max. = 0.05 × f + 42 (sleep mode)
Note 4. This does not include the BGO operation.
Note 5. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 6. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (1.563 MHz).
Note 7. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (3.125 MHz).
Note 8. Reference value
Note 9. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD16 (12-Bit A/D Converter 0 Module Stop bit) and
MSTPCRD.MSTPD15 (12-bit A/D converter 1 module stop bit) are in the module-stop state.
Note 10. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (15.6 kHz).
Note 11. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (512 Hz). FCLK is the same frequency as that of ICLK.
Note 12. PLL output frequency = 100MHz.
Note 13. PLL output frequency = 200MHz.
Table 2.8
Coremark and normal mode current
Parameter
Symbol
Typ
Unit
Test conditions
Supply Current*1
Coremark*2 *3
ICC
119
µA/MHz
ICLK = 100MHz
PCLKA
= PCLKB
= PCLKC
= PCLKD
= FCLK
= 1.56 MHz
Normal mode
All peripheral
clocks disabled,
cache on,
while (1) code
executing from
flash*2 *3
115
All peripheral
clocks disabled,
cache off,
while (1) code
executing from
flash*2 *3
117
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 3. PLL output frequency = 100MHz.
RA4M3 Datasheet
2. Electrical Characteristics
R01DS0368EJ0150 Rev.1.50
Apr 25, 2025
Page 29 of 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com