Electronic Components Datasheet Search
  English  ▼

X  

M74HCT132 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HCT132
Description  QUAD 2-INPUT SCHMITT NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT132 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HCT132 Datasheet HTML 1Page - STMicroelectronics M74HCT132 Datasheet HTML 2Page - STMicroelectronics M74HCT132 Datasheet HTML 3Page - STMicroelectronics M74HCT132 Datasheet HTML 4Page - STMicroelectronics M74HCT132 Datasheet HTML 5Page - STMicroelectronics M74HCT132 Datasheet HTML 6Page - STMicroelectronics M74HCT132 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Test Co ndi tio ns
Val ue
Unit
TA =25
oC-40 to 85 oC
Min.
Typ .
Max.
Mi n.
Max.
CIN
Input Capacitance
3.5
pF
CPD
Power Dissipation
Capacitance (note 1)
20
pF
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to
Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/4 (per Gate)
AC ELECTRICAL CHARACTERISTICS (CL = 50pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Con dition
Val ue
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Min.
Typ .
Max.
Mi n.
Max.
tTLH
tTHL
Output Transition Time
4.5
7.0
15.0
19.0
ns
tPLH
tPHL
Propagation Delay
Time
4.5
20.0
33.0
41.0
ns
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5V
± 0.5V
DC SPECIFICATIONS
Symbol
Parameter
Test Co ndi tio ns
Val ue
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Min.
Typ .
Max.
Mi n.
Max.
Vt+
High Level Threshold
Voltage
4.5
1.2
1.55
1.9
1.2
1.9
V
5.5
1.4
1.75
2.1
1.4
2.1
Vt-
Low Level Threshold
Voltage
4.5
0.5
0.85
1.2
0.5
1.2
V
5.5
0.6
1.1
1.4
0.6
1.4
Vh
Hysteresis Voltage
4.5
0.4
0.7
1.4
0.4
1.4
V
5.5
0.4
0.7
1.5
0.4
1.5
VOH
High Level Output
Voltage
4.5
VI
(*) =
VIL or
VIH
IO=-50
µA
4.4
4.5
4.4
V
4.5
IO=-8 mA
4.18
4.31
4.13
VOL
Low Level Output
Voltage
4.5
VI
(*) =
VIH
IO=50
µA
0.0
0.1
0.1
V
4.5
IO=8 mA
0.17
0.26
0.33
II
Input Leakage Current
5.5
VI = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
1
10
µA
(*) All outputs loaded.
74HCT132
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com