Electronic Components Datasheet Search
  English  ▼

X  

ACTF14-59 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF14-59
Description  Compact RF duplexer for cordless telephone CT1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF14-59 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF14-59 Datasheet HTML 1Page - Advanced Crystal Technology ACTF14-59 Datasheet HTML 2Page - Advanced Crystal Technology ACTF14-59 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
4. Features
l
Compact RF duplexer for cordless telephone CT1
l
High stability and reliability with good performance
l
No matching network required for operation at 50
5. Performance
5-1.Maximum Ratings
Item
Symbol
Rating
Units
Input Power
Pin
15
dBm
DC Voltage
VDC
3
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
5-2.Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Centre frequency
fC
Port 1
Port 2
--
--
959.500
914.500
--
--
MHz
MHz
Insertion loss
IL
Port 1: 959.000…960.000 MHz
Port 2: 914.000…915.000 MHz
--
--
3.5
3.5
4.5
4.5
dB
dB
Amplitude ripple(p-p)
Δα
Port 1: 959.000…960.000 MHz
Port 2: 914.000…915.000 MHz
--
--
0.7
0.7
2.0
2.0
dB
dB
Absolute attenuation Port 1
α
914.000…915.000 MHz
30
35
--
dB
Absolute attenuation Port 2
α
959.000…960.000 MHz
30
35
--
dB
Temperature coefficient of frequency
TCf
--
-30
--
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com