Electronic Components Datasheet Search
  English  ▼

X  

DIO70020HST5 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70020HST5
Description  5.5 V, 2.5 A Low Loss Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70020HST5 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO70020HST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO70020HST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70020HST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70020HST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70020HST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70020HST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70020HST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70020HST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70020HST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 1.2
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO70020• Rev 1.2
DIO70020
5.5 V, 2.5 A Low Loss Power Distribution Switch
Features
Input voltage: 2.7 V to 5.5 V
Typical 57 mΩ on-resistance
2.5 A load current capability
Programmable current limit
Enable polarity:
DIO70020H: active high
DIO70020L: active low
Overcurrent protection, short circuit
protection and overtemperature protection
Reverse blocking (no body diode)
No reverse current when power ON or power
OFF
Compact SOT23-5 package minimizes the
board space
Applications
USB ports/hubs
Digital TV
Set-top boxes
VOIP phones
Descriptions
The DIO70020 power distribution switch is
intended for applications where precision current
limiting is required or heavy capacitive loads and
short circuits are encountered. The power switch
rising and falling times are controlled to minimize
current surges during turning on/off.
The DIO70020 device limits the output current
under a safe level by using a constant current
mode when the output load exceeds the current
limit threshold.
The DIO70020 is available in the SOT23-5 package.
It is rated over the -40°C to 85°C temperature
range.
Typical Application
Ordering Information
Part Number Top Marking
MSL
Enable
RoHS
TA
Package
DIO70020HST5
BVHYW
3
Active high
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000
DIO70020LST5
BVLYW
3
Active low
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000


Similar Part No. - DIO70020HST5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO7004 DIOO-DIO7004 Datasheet
649Kb / 12P
5.5V Low Loss Power Distribution Switch
Rev 1.1
DIO70040 DIOO-DIO70040 Datasheet
1Mb / 14P
5.5 V Low Loss Power Distribution Switch
Version 1.1, Aug 2025
DIO70040- DIOO-DIO70040- Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFMP8 DIOO-DIO70040HFMP8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFSO8 DIOO-DIO70040HFSO8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
More results

Similar Description - DIO70020HST5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9833 AD-AD9833 Datasheet
210Kb / 18P
2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
AD5346 AD-AD5346 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
AD8469 AD-AD8469 Datasheet
265Kb / 12P
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V
REV. 0
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
ADCMP608 AD-ADCMP608_15 Datasheet
238Kb / 10P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. B
ADCMP609 AD-ADCMP609_15 Datasheet
265Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. C
logo
Texas Instruments
TPS25221 TI1-TPS25221 Datasheet
1Mb / 27P
2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
TPS25221 TI1-TPS25221_18 Datasheet
2Mb / 35P
2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com