Electronic Components Datasheet Search
  English  ▼

X  

DIO74557 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO74557 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO74557 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74557 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74557 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74557 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74557 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74557 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74557 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DIO74557
www.dioo.com
© 2024 Dioo Microcircuits Co.,Ltd. Jiangsu
DIO74557• Rev. 1.5
- 2 -
Pin Assignments
Figure 1. Pin assignment (Top view)
Pin Description
Pin Name
Description
RST_HOST
Reset input from the host controller.
VCCA
Supply voltage for the host controller side input/output pins (CLK_HOST, RST_HOST, IO_HOST).
The VCCA voltage ranges from 1.08 V to 1.95 V. This pin should be bypassed with a 0.1 μF ceramic
capacitor close to the pin.
RST_SIM
Reset the output pin for the SIM card. This pin is pulled low during shutdown through a 400 Ω
resistor.
CLK_HOST
Clock input from the host controller.
GND
Ground. This pin is the ground reference for the integrated circuit and associated signals.
CLK_SIM
Clock output pin for the SIM card. This pin is pulled low during shutdown through a 400 Ω resistor.
IO_HOST
Host controller bidirectional data input/output. The host output must be on an open-drain driver.
VCCB
SIM card supply voltage. When VCCB is below the VCCB_DIS, the device is disabled. The VCCB voltage
ranges from 1.65 V to 3.6 V. This pin should be bypassed with a 0.1 μF ceramic capacitor close to
the pin.
IO_SIM
SIM card bidirectional data input/output. The SIM card output must be on an open-drain driver.
This pin is pulled low during shutdown through a 400 Ω resistor.
EN
Enable pin. This pin should be HIGH (VCCA) for normal operation, and LOW to help avoid race
conditions specifically during the shutdown sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com