Electronic Components Datasheet Search
  English  ▼

X  

DIO75530 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO75530
Description  Precision Adjustable Current-Limited Power Distribution Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO75530 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO75530 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO75530 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO75530 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO75530 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO75530 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO75530 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO75530 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO75530 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO75530 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DIO75530
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
9.6. Current limiting setting
Current limit is programmable to protect the power source from overcurrent and short circuit conditions. Connect
a resistor RSET from ISET pin to GND to program the current limit:
IOS (A) = 25900/Rset (Ω)
(1)
The minimum current limit is 0.2 A. Current limit beyond 2.59 A is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com