Electronic Components Datasheet Search
  English  ▼

X  

ACTF0016 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF0016
Description  low-loss, compact, and economical surface-acoustic-wave (SAW)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF0016 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF0016 Datasheet HTML 1Page - Advanced Crystal Technology ACTF0016 Datasheet HTML 2Page - Advanced Crystal Technology ACTF0016 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 OF 3
The ACTF0016/916.5/QCC8C is a low-loss, compact, and economical surface-acoustic-wave (SAW)
filter in a surface-mount ceramic QCC8C case, designed to provide front-end selectivity in 916.500
MHz receivers. Receiver designs using this filter include superhet with10.7 MHz or 500 kHz IF, direct
conversion and superregen.
1.Package Dimension (QCC8C)
2.
3. Test Circuit
Pin
Connection
2
Input / Output
6
Output / Input
1,3,5,7
To be Grounded
4,8
Case Ground
Sign
Data (unit: mm)
Sign
Data(unit:mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF0016

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF0016/916.5/QCC8 ACT-ACTF0016/916.5/QCC8 Datasheet
72Kb / 3P
a low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
More results

Similar Description - ACTF0016

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF4025 ACT-ACTF4025 Datasheet
103Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF4032 ACT-ACTF4032 Datasheet
87Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF4034 ACT-ACTF4034 Datasheet
90Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF5565 ACT-ACTF5565 Datasheet
92Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF8002 ACT-ACTF8002 Datasheet
51Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF8008 ACT-ACTF8008 Datasheet
50Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF1459 ACT-ACTF1459 Datasheet
37Kb / 2P
low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF2703 ACT-ACTF2703 Datasheet
69Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4003 ACT-ACTF4003 Datasheet
67Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4006 ACT-ACTF4006 Datasheet
62Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com