Electronic Components Datasheet Search
  English  ▼

X  

ACTF45-48 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF45-48
Description  the characteristics of the SAW Duplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF45-48 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF45-48 Datasheet HTML 1Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 2Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 3Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 4Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 5Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1. Scope
This specification covers the characteristics of the SAW Duplexer
ACTF45-48/44.25-48.24/W2 used for cordless telephones.
2. Package
3. Characteristics
Standard atmospheric conditions
Unless otherwise specified, the standard range of atmospheric conditions for making
measurements and tests is as follows:
Ambient temperature: 15
°C to 35°C
Relative humidity:
25% to 85%
Air pressure:
86kPa to 106kPa
Operating temperature range
Operating temperature range is the range of ambient temperatures in which the
filter can be operated continuously. -10
°C ~ +50°C
Storage temperature rang
Storage temperature range is the range of ambient temperatures in which the filter
can be stored without damage.
Conditions are as specified elsewhere in these specifications. -40
°C ~ +70°C
Reference temperature
+25
°C
3.1 Maximum Rating
DC voltage
VDC
0
V
Source power
Ps
15
dBm
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF45-48

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF450A ACT-ACTF450A Datasheet
86Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF450A ACT-ACTF450A Datasheet
154Kb / 3P
SAW Filter
March 2010
ACTF450A/450.0/F11 ACT-ACTF450A/450.0/F11 Datasheet
86Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF450A/450.0/F11 ACT-ACTF450A/450.0/F11 Datasheet
154Kb / 3P
SAW Filter
March 2010
ACTF450A ACT-ACTF450A_10 Datasheet
154Kb / 3P
SAW Filter
March 2010
More results

Similar Description - ACTF45-48

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL40N150D FAIRCHILD-FGL40N150D Datasheet
440Kb / 7P
Electrical Characteristics of the IGBT
logo
Advanced Crystal Techno...
ACTF46 ACT-ACTF46 Datasheet
733Kb / 7P
This specification covers the characteristics of the following SAW Duplexer used for the cordless phones:
SEPT 04
ACTF474 ACT-ACTF474 Datasheet
70Kb / 3P
the characteristics of SAW Filter
SEPT 04
logo
Shoulder Electronics Li...
HDBF07001H64 SHOULDER-HDBF07001H64 Datasheet
107Kb / 5P
This specification shall cover the characteristics of SAW filter BF07001H64
HDBF07004B64 SHOULDER-HDBF07004B64 Datasheet
117Kb / 7P
This specification shall cover the characteristics of SAW filter BF07004B64
HDBF08018A63 SHOULDER-HDBF08018A63 Datasheet
147Kb / 8P
This specification shall cover the characteristics of SAW filter BF08018A63
HDBF14004E63 SHOULDER-HDBF14004E63 Datasheet
129Kb / 7P
This specification shall cover the characteristics of SAW filter BF14004E63
HDBF14011A62 SHOULDER-HDBF14011A62 Datasheet
122Kb / 7P
This specification shall cover the characteristics of SAW filterHDBF14011A62A
HDBF14014B64 SHOULDER-HDBF14014B64 Datasheet
117Kb / 7P
This specification shall cover the characteristics of SAW filter BF14014B64
HDBF15610A24 SHOULDER-HDBF15610A24 Datasheet
156Kb / 7P
This specification shall cover the characteristics of SAW filter HDBF15610A24
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com