Electronic Components Datasheet Search
  English  ▼

X  

AS89020 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS89020
Description  4-channel, current input 12 bit analog-to-digital converter (ADC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89020 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS89020 Datasheet HTML 13Page - ams-OSRAM AG AS89020 Datasheet HTML 14Page - ams-OSRAM AG AS89020 Datasheet HTML 15Page - ams-OSRAM AG AS89020 Datasheet HTML 16Page - ams-OSRAM AG AS89020 Datasheet HTML 17Page - ams-OSRAM AG AS89020 Datasheet HTML 18Page - ams-OSRAM AG AS89020 Datasheet HTML 19Page - ams-OSRAM AG AS89020 Datasheet HTML 20Page - ams-OSRAM AG AS89020 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ams.com
db09284e_V3.01_preliminary_2017-07-06
Page 15 of 30
AS89020
V3.01
Figure 6: Influence of settling time to conversion result
This example shows: The ADC result after first conversion is lower than result after second conversion. This
is why the settling time is not reached at start of first conversion.
5.7 Temperature Compensation
The implemented transimpedance resistors of the channel’s input amplifiers have a temperature coefficient
(TCR) with a typical value of -4300 ppm/K. However, the AS89020 integrates a temperature compensation
circuit, so that the temperature dependence of the transimpedance resistance is eliminated. Furthermore
the overall ADC gain is internally controlled, so that the absolute accuracy can be achieved. If the internal
temperature compensation is disabled (CREG: TCOMPENA = ,0b'), the overall behavior of the device is no
longer temperature independent. Normally, the AS89020 should be used with enabled temperature
compensation (CREG: TCOMPENA = ,1b').
However, the temperature dependence of the reference current source at REXT (generating I(REXT)) is not
compensated and therefore the temperature coefficient of the external resistor REXT of 200 kΩ directly
affects the ADC accuracy.
5.8 SPI – Interface & Communication
The digital interface of the AS89020 consists of a bidirectional four wire SPI for programming the registers
and for transferring the conversion data to the microcontroller.
The SPI interface is used for the connection of the AS89020 to the system’s SPI bus. The SPI clock SCLK
is low active and stays high while the AS89020 is in idle state. The data is changed at the time of the falling
clock edge and will be accepted at the time of the rising clock edge.
TRACKING
TRACKING
HOLD /
CONVERSION
HOLD / CONVERSION
tTRACK
settling time tSET
Input signal
change
Start of
Conversion
End of
Conversion
Start of
Conversion
End of
Conversion
Start of
Tracking
input current
output voltage of
input amplifier
output voltage of
track and hold stage
ADC conversion
result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com