Electronic Components Datasheet Search
  English  ▼

X  

BP-104-FASR Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # BP-104-FASR
Description  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BP-104-FASR Datasheet(HTML) 5 Page - ams-OSRAM AG

  BP-104-FASR Datasheet HTML 1Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 2Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 3Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 4Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 5Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 6Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 7Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 8Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
BP 104 FASR
5 Version 1.3 | 2018-05-30
0
OHF00080
Ι
R
R
V
0
5
10
15
V
20
1000
2000
3000
4000
pA
Dark Current 1), 2)
I
R = f (VR) ; E = 0
E
OHF01056
e
0
10
P
Ι
-1
10
10 1
10 2
10 4
10 0
10 1
10 2
10 34
10
3
10
2
10
1
10
10 0
VO
µAmV
Ι P
VO
2
W/cm
µ
Photocurrent/Open-Circuit Voltage 1), 2)
I
P (VR = 5 V) / VO = f (Ee)
OHF02284
VR
ΙR
0
10-1
100
101
102
nA
2 4 6 8 10 12 14 16 V 20
Dark Current 1), 2)
I
R = f (VR) ; E = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com