Electronic Components Datasheet Search
  English  ▼

X  

PLS220 Datasheet(PDF) 13 Page - Clarke International

Part # PLS220
Description  PETROL POWER WASHER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PLS220 Datasheet(HTML) 13 Page - Clarke International

Back Button PLS220 Datasheet HTML 9Page - Clarke International PLS220 Datasheet HTML 10Page - Clarke International PLS220 Datasheet HTML 11Page - Clarke International PLS220 Datasheet HTML 12Page - Clarke International PLS220 Datasheet HTML 13Page - Clarke International PLS220 Datasheet HTML 14Page - Clarke International PLS220 Datasheet HTML 15Page - Clarke International PLS220 Datasheet HTML 16Page - Clarke International PLS220 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PRESSURE REGULATOR
When purchased, the pressure regulator
may be set to minimum.
Turn the pressure regulator on the pump
fully clockwise to allow water pressure to
increase when the pressure washer is
running.
If you find the pressure is too high, you
can adjust this later by turning the
regulator anti-clockwise.
SAFETY FEATURES
Bypass mode: In bypass mode, the pump recirculates the water because the trigger
of the spray gun is not being pulled. If the unit is left in bypass mode for more than
two minutes, the water temperature will rise to a dangerous level and could damage
internal components of the pump.
NOTE: Any damage to the pump due to these causes will not be covered under
warranty.
Thermal Relief Valve: In an effort to
prevent damage, pumps are equipped
with a thermal relief valve. This valve will
open when the temperature inside the
pump becomes too high. The valve will
then release a gush of water in an effort
to lower the temperature inside the
pump. Immediately after this occurs, the
valve will close.
STARTING YOUR POWER WASHER
Prior to starting, refer to your engine manual for proper starting procedures for your
engine type.
1. Make sure the engine has sufficient fuel. See page 12.
2. Check the engine oil level. See page 11.
WARNING: FAILURE TO TURN ON THE WATER COULD CAUSE
DAMAGE TO THE PUMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com