Electronic Components Datasheet Search
  English  ▼

X  

ACTF480-9 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF480-9
Description  two channel IF filter for DSB receivers with constant group delay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF480-9 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF480-9 Datasheet HTML 1Page - Advanced Crystal Technology ACTF480-9 Datasheet HTML 2Page - Advanced Crystal Technology ACTF480-9 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
The ACTF480-9/479.5/TO39 is a two channel IF filter for DSB receivers with
constant group delay.
1.Package Dimension
(TO-39)
2.
3.Equivalent LC Model
4.Performance
4-1.Maximum Ratings
Rating
Value
Units
AC Voltage Between Any Two Pins
VPP
5
V
DC Voltage Between Any Two Pins
VDC
0
V
Storage temperature range
Tstg
-40 to +85
°C
Operable temperature range
TA
-25 to +85
°C
Pin
Configuration
1
Input / Output
2
Output 2 / Input 2
3
Output 1 / Input 1
4
Ground
Dimensions
Data (Unit: mm)
A
9.35±0.10
B
5.08±0.10
C
3.40±0.10
D
3.00±0.20
E
4-
Φ0.45±0.20
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF480-9

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF480-1 ACT-ACTF480-1 Datasheet
56Kb / 3P
one channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF480-1 ACT-ACTF480-1 Datasheet
126Kb / 3P
IF Filter
March 2010
ACTF480-1/480.0/TO39-2 ACT-ACTF480-1/480.0/TO39-2 Datasheet
56Kb / 3P
one channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF480-1/480.0/TO39-2 ACT-ACTF480-1/480.0/TO39-2 Datasheet
126Kb / 3P
IF Filter
March 2010
ACTF480-1 ACT-ACTF480-1_10 Datasheet
126Kb / 3P
IF Filter
March 2010
More results

Similar Description - ACTF480-9

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF480-1 ACT-ACTF480-1 Datasheet
56Kb / 3P
one channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF480-2 ACT-ACTF480-2 Datasheet
111Kb / 5P
two channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF480-3 ACT-ACTF480-3 Datasheet
87Kb / 3P
one channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF480-4 ACT-ACTF480-4 Datasheet
105Kb / 5P
two channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF480-5 ACT-ACTF480-5 Datasheet
79Kb / 3P
one channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF480-6 ACT-ACTF480-6 Datasheet
45Kb / 3P
two channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF480-7 ACT-ACTF480-7 Datasheet
89Kb / 3P
one channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF4010 ACT-ACTF4010 Datasheet
53Kb / 3P
one channel IF filter for DSB receivers with constant group delay
SEPT 04
ACTF4014 ACT-ACTF4014 Datasheet
85Kb / 3P
IF filter for DBS receivers with constant group delay
SEPT 04
logo
Shoulder Electronics Li...
HDF4802S3 SHOULDER-HDF4802S3 Datasheet
145Kb / 6P
IF filter for DSB receivers with two channels Constant group delay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com