Electronic Components Datasheet Search
  English  ▼

X  

BPX-43 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # BPX-43
Description  Silicon NPN Phototransistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPX-43 Datasheet(HTML) 5 Page - ams-OSRAM AG

  BPX-43 Datasheet HTML 1Page - ams-OSRAM AG BPX-43 Datasheet HTML 2Page - ams-OSRAM AG BPX-43 Datasheet HTML 3Page - ams-OSRAM AG BPX-43 Datasheet HTML 4Page - ams-OSRAM AG BPX-43 Datasheet HTML 5Page - ams-OSRAM AG BPX-43 Datasheet HTML 6Page - ams-OSRAM AG BPX-43 Datasheet HTML 7Page - ams-OSRAM AG BPX-43 Datasheet HTML 8Page - ams-OSRAM AG BPX-43 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BPX 43
DATASHEET
DATASHEET
5 | Version 1.5 | 2022-03-02
Characteristics
T
A = 25 °C
Parameter
Symbol
Values
Wavelength of max sensitivity
λ
S max
typ.
880 nm
Spectral range of sensitivity
λ
10%
typ.
450 ... 1100
nm
Dimensions of chip area
L x W
typ.
1.02 x 1.02
mm x mm
Radiant sensitive area
A
typ.
0.675 mm²
Half angle
φ
typ.
15 °
Photocurrent
V
CE = 5 V; Std. Light A; Ev = 1000 lx
I
PCE
typ.
7750 µA
Photocurrent of collector-base photodiode
E
e = 0.5 mW/cm²; λ = 950 nm; VCB = 5 V
I
PCB
typ.
11 µA
Photocurrent of collector-base photodiode
E
v = 1000 lx; Std. Light A ; VCB = 5 V
I
PCB
typ.
35 µA
Dark current
V
CE = 5 V; E = 0
I
CE0
typ.
max.
20 nA
100 nA
Rise time
I
C = 1 mA; λ = 950 nm; VCE = 5 V; RL = 1 kΩ
t
r
typ.
12 µs
Fall time
I
C = 1 mA; λ = 950 nm; VCE = 5 V; RL = 1 kΩ
t
f
typ.
12 µs
Collector-emitter saturation voltage 2)
I
C = IPCE,min X 0.3; λ = 950 nm; Ee = 0.5 mW/cm²
V
CEsat
typ.
230 mV
Capacitance
V
CE = 0 V; f = 1 MHz; E = 0
C
CE
typ.
23 pF
Capacitance
V
CB = 0 V; f = 1 MHz; E = 0
C
CB
typ.
39 pF
Capacitance
V
EB = 0 V; f = 1 MHz; E = 0
C
EB
typ.
47 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com