Electronic Components Datasheet Search
  English  ▼

X  

ACTF03-27 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF03-27
Description  low-loss, compact, and economical surface-acoustic-wave (SAW) filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF03-27 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF03-27 Datasheet HTML 1Page - Advanced Crystal Technology ACTF03-27 Datasheet HTML 2Page - Advanced Crystal Technology ACTF03-27 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
6. Electronic Specification
6-1.Maximum Ratings
Item
Symbol
Rating
Unit
Input Signal Level
ISmax
5
dBm
DC Permissive Voltage
VDC
0
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
6-2.Electronic Characteristics
Ant
term. impedance
ZAnt = 50 Ω
Port 1 term. impedance
ZPort1 = 50 Ω
Port 2 term. impedance
ZPort2 = 50 Ω
Port 1
Port 2
Items
Symbol
Test condition
Min.
Typ.
Max.
Test condition
Min.
Typ.
Max.
Unit
Centre
Frequency
fC
-
-
903.75
-
-
926.25
MHz
Bandwidth
BW3dB
-
±1.0
-
-
-
±1.0
-
-
MHz
Insertion Loss
ILPASS
fC±1.0MHz
-
-
4.5
fC±1.0MHz
-
-
4.5
dB
Ripple Level
ARIP
fC±1.0MHz
-
-
2.0
fC±1.0MHz
-
-
2.0
dB
450.0~861.95MHz
47
-
-
450.0~870.0MHz
52
-
-
dB
861.95~883.35MHz
30
-
-
870.0~882.45MHz
44
-
-
dB
883.35~894.05MHz
5
-
--
882.45~904.75MHz
30
--
-
dB
913.45~924.15MHz
5
-
-
904.75~905.85MHz
36
-
-
dB
924.15~927.25MHz
38
-
-
905.85~916.55MHZ
8
-
-
dB
945.55~970. 0MHz
23
-
-
935.95~946.65MHz
5
-
-
dB
970.0~1050MHz
45
-
-
946.65~948.65MHz
30
-
-
dB
1050~1350MHz
42
-
-
968.05~1000MHz
26
-
-
dB
1350~1800MHz
22
-
-
1000~1350Mhz
42
-
-
dB
Rejection
Level
ILSTOP
1350~1800MHz
22
-
-
dB
Isolation
(between port1
and port2)
IL
RX
←→TX
925.25~927.25MHz
36
-
-
902.75~904.75MHz
36
-
-
dB
Input / Output
Impedance
ZI / ZO
-
-
50
-
-
-
50
-
Ω
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR ≤1.2:1. The test fixture L and C are adjusted for minimum
insertion loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are
dependent on the impedance matching component values and quality.
2.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
3.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
4.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
5.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com