Electronic Components Datasheet Search
  English  ▼

X  

SS3 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # SS3
Description  High vibration damping sheet with light weight
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

SS3 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  SS3 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
119
SOUND DAMPER SHEET/SS3
Properties
Specifications
High vibration damping sheet with light weight
● Control vibration generating by fans and motors
● Improved damping allows for high performance from small sized sheet
● Low specific gravity achieves to weight saving of equipment
● Highly flame-retardant (Equivalent to UL 94 V-0 )
● Custom cutting, punching and other processing are available.
Release paper
Double-sided adhesive tape
SS3
Part No.
SS3-1.0-T1
A(mm)
Thickness
1.0
※1
Calculated based on vibration damping characteristics test using the cantilever method
Unit
-
-
-
Durometer Type D
-
-
-
℃
Standard
-
-
-
JIS K 6253-3
-
JIS K 7391
UL94
-
(20 ℃, tertiary mode)
Item
Material
Fixing method
Color
Hardness
Specific gravity
Loss factor※1
Flame Retardancy
Recommended
operation temperature
SS3
Acrylic resin
Adhesive tape
1.67
0.10
V-0 equivalent
-20~85
mm
-
305×425
Available max. ※2
dimension.
※2) Please contact us for available pcs/sheet.
0.001
0.010
0.100
1.000
0
200
400
600
800
1000
Frequency[Hz]
<Testing conditions>
Acceleration:0.4G
Temperature:20℃
Method:Vibration damping characteristics test using
the cantilever method
black
61


Similar Part No. - SS3

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
SS3 JAUCH-SS3 Datasheet
129Kb / 2P
Quartz Crystal
logo
Rectron Semiconductor
SS3 RECTRON-SS3 Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
DATEL, Inc.
SS3.3S3.3-0.6 DATEL-SS3.3S3.3-0.6 Datasheet
145Kb / 1P
Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 3.3 Volts Output
SS3.3S5-0.4 DATEL-SS3.3S5-0.4 Datasheet
145Kb / 1P
Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 5 Volts Output
logo
Rectron Semiconductor
SS30 RECTRON-SS30 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
More results

Similar Description - SS3

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
Small size, light weight
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
Small size, light weight.
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
Small size, light weight.
logo
Mercury United Electron...
45MQ30A MERCURY-45MQ30A Datasheet
98Kb / 1P
Thin and light weight; excellent shock and vibration resistance
45MQ30B MERCURY-45MQ30B Datasheet
100Kb / 1P
Thin and light weight; excellent shock and vibration resistance
logo
CIT Relay & Switch
J104 CIT-J104 Datasheet
161Kb / 3P
High sensitivity, super light weight
logo
3M Electronics
436 3M-436 Datasheet
345Kb / 3P
Vibration Damping Tapes
4014 3M-4014 Datasheet
172Kb / 6P
3M™ Damping Aluminum Foam Sheet 4014
Jan-2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com