Electronic Components Datasheet Search
  English  ▼

X  

A29111-025 Datasheet(PDF) 1 Page - Omnetics Connector Corp.

Part # A29111-025
Description  SOCKET FEMALE Bi-Lobe® CONNECT W/BACKSHELL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.

A29111-025 Datasheet(HTML) 1 Page - Omnetics Connector Corp.

  A29111-025 Datasheet HTML 1Page - Omnetics Connector Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
-
A
N
O
I
T
C
E
S
6
8
.
7
.
1
2
0
1
1
.
9
7
.
2
0
7
0
.
8
7
.
1
)
P
Y
T
(
5
7
1
.
5
4
.
4
5
2
1
.
8
1
.
3
8
9
0
.
9
4
.
2
5
5
2
.
8
4
.
6
)
8
3
-
7
(
G
W
A
0
3
D
E
D
O
C
R
O
L
O
C
,
E
F
T
P
X
E
H
0
5
0
.
X
2
F
O
Y
L
B
M
E
S
S
A
S
I
D
T
N
E
V
E
R
P
O
T
N
I
W
E
R
C
S
T
O
P
,
L
L
E
H
S
K
C
A
B
F
O
D
A
E
H
L
L
I
F
&
E
C
A
L
P
.
G
F
M
R
E
P
Y
X
O
P
E
H
T
I
W
W
E
R
C
S
5
7
3
.
3
5
.
9
5
0
2
.
1
2
.
5
0
0
.
8
1
+
-
8
3
.
0
0
.
2
.
7
5
4
+
7
.
9
0
5
7
5
.
1
6
.
4
1
5
2
6
.
8
8
.
5
1
A
A
5
2
1
0
.
8
1
3
.
0
13
1
4
15
2
0
8
-
0
#
X
2
B
2
-
F
N
U
0
4
0
.
2
0
.
1
5
7
5
0
.
1
6
4
.
1
3
6
3
.
2
2
.
9
0
7
4
.
4
9
.
1
1
E
Z
I
S
L
A
U
T
C
A
H
T
G
N
E
L
E
R
I
W
G
N
I
D
U
L
C
X
E
E
L
G
N
A
D
R
I
H
T
#
T
E
K
C
O
SR
O
L
O
C
1
2
,
1
1
,
1K
C
A
L
B
2
2
,
2
1
,
2N
W
O
R
B
3
2
,
3
1
,
3D
E
R
4
2
,
4
1
,
4E
G
N
A
R
O
5
2
,
5
1
,
5W
O
L
L
E
Y
6
1
,
6N
E
E
R
G
7
1
,
7E
U
L
B
8
1
,
8T
E
L
O
I
V
9
1
,
9Y
A
R
G
0
2
,
0
1E
T
I
H
W
E
L
A
M
E
F
T
E
K
C
O
S
)
5
2
(
L
L
E
H
S
K
C
A
B
/
W
R
O
T
C
E
N
N
O
C
®
e
b
o
L
-
i
B
Y
L
N
O
E
S
U
L
A
N
R
E
T
N
I
5
2
0
-
1
1
1
9
2
A
G
N
I
D
A
O
L
G
F
M
E
S
U
5
2
0
-
0
0
0
9
2
A
E
R
U
D
E
C
O
R
P
:
E
T
O
N
N
I
E
R
A
]
[
N
I
S
N
O
I
S
N
E
M
I
D
S
S
E
L
N
U
S
R
E
T
E
M
I
L
L
I
M
E
R
A
D
N
A
D
E
T
O
N
E
S
I
W
R
E
H
T
O
Y
L
N
O
E
C
N
E
R
E
F
E
R
R
O
F
A
3
7
8
1
6
C
E
D
L
P
2
C
E
D
L
P
3
C
E
D
L
P
4
S
E
L
G
N
A
1
0
.
5
0
0
.
5
0
0
0
.
1
D
E
T
O
N
E
S
I
W
R
E
H
T
O
S
S
E
L
N
U
E
T
A
D
E
T
A
D
E
T
A
D
S
E
H
C
N
I
N
I
S
N
O
I
S
N
E
M
I
D
F
O
Y
T
R
E
P
O
R
P
E
H
T
S
I
H
C
I
H
W
N
O
I
T
A
M
R
O
F
N
I
Y
R
A
T
E
I
R
P
O
R
P
D
N
A
L
A
I
T
N
E
D
I
F
N
O
C
S
N
I
A
T
N
O
C
G
N
I
W
A
R
D
S
I
H
T
R
O
,
D
E
T
A
C
I
L
P
U
D
E
B
,
T
R
A
P
N
I
R
O
E
L
O
H
W
N
I
,
T
O
N
Y
A
M
T
N
E
M
U
C
O
D
S
I
H
T
.
P
R
O
C
R
O
T
C
E
N
N
O
C
S
C
I
T
E
N
M
O
.
P
R
O
C
R
O
T
C
E
N
N
O
C
S
C
I
T
E
N
M
O
M
O
R
F
N
O
I
S
S
I
M
R
E
P
N
E
T
T
I
R
W
T
U
O
H
T
I
W
,
E
S
O
P
R
U
P
Y
N
A
R
O
F
D
E
S
O
L
C
S
I
D
.
O
N
T
R
A
P
V
E
RO
C
E
E
T
A
DP
P
A
V
E
R
:
E
L
T
I
T
-
S
E
C
N
A
R
E
L
O
T
-
1
:
3
:
E
L
A
C
S
2
F
O
1
T
E
E
H
S
.
O
N
G
W
D
V
H
.
M
T
F
D
.
D
'
K
H
C
.
D
'
P
P
A
8
1
-
5
0
-
3
0
E
D
O
C
E
G
A
C
A7
0
3
4
0
1V
H
8
1
-
3
2
-
3
0
T
S
A
E
E
L
C
R
I
C
E
C
R
E
M
M
O
C
0
6
2
7
2
3
4
5
5
N
M
,
S
I
L
O
P
A
E
N
N
I
M
M
O
C
.
S
C
I
T
E
N
M
O
.
W
W
W
5
2
0
-
1
1
1
9
2
A


Similar Part No. - A29111-025

ManufacturerPart #DatasheetDescription
logo
Omnetics Connector Corp...
A29111-021 OMNETICS-A29111-021 Datasheet
300Kb / 1P
SOCKET FEMALE Bi-Lobe® CONNECT W/BACKSHELL
03-23-18
More results

Similar Description - A29111-025

ManufacturerPart #DatasheetDescription
logo
FCI connector
C01-8646-0487 FCI-CONNECTOR-C01-8646-0487 Datasheet
92Kb / 1P
SOCKET CONNECT. SUB RIGHT ANGLED SPILL WITH FEMALE SCREWLOCK
logo
Assmann Electronics Inc...
A-HDF15-HOOD-WP-R ASSMANN-A-HDF15-HOOD-WP-R Datasheet
303Kb / 1P
WATERPROOF D-SUB BACKSHELL W/DB
logo
List of Unclassifed Man...
DIN34827FL ETC-DIN34827FL Datasheet
97Kb / 1P
Hexalobular (6 Lobe) socket set screws
logo
Amphenol Sine Systems C...
SC000532-10-R4 ASS-SC000532-10-R4 Datasheet
199Kb / 1P
4MM FEMALE SOCKET, 10-12AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
SC000532-14-R4 ASS-SC000532-14-R4 Datasheet
198Kb / 1P
4MM FEMALE SOCKET, 14-16AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
SC000532-6-R4 ASS-SC000532-6-R4 Datasheet
199Kb / 1P
4MM FEMALE SOCKET, 6-8AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
logo
Omnetics Connector Corp...
A40838-015 OMNETICS-A40838-015 Datasheet
472Kb / 1P
(15) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
A40838-021 OMNETICS-A40838-021 Datasheet
512Kb / 1P
(21) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
A40838-051 OMNETICS-A40838-051 Datasheet
637Kb / 1P
(51) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
logo
Arduino
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com