Electronic Components Datasheet Search
  English  ▼

X  

ACTF420 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF420
Description  low-loss, compact, and economical surface-acoustic-wave (SAW) filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF420 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF420 Datasheet HTML 1Page - Advanced Crystal Technology ACTF420 Datasheet HTML 2Page - Advanced Crystal Technology ACTF420 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 OF 3
The ACTF420/315.0/QCC8C is a low-loss, compact, and economical surface-acoustic-wave (SAW)
filter in a surface-mount ceramic QCC8C case designed to provide front-end selectivity in 315.000
MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF,
direct conversion and superregen.
1.Package Dimension (QCC8C)
2.
3. Test Circuit
Pin
Configuration
1
Input
2
Input Ground
5
Output
6
Output Ground
3, 7
To be Grounded
4,8
Case Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF420

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF4201 ACT-ACTF4201 Datasheet
381Kb / 6P
RF filter
ACTF4201-415-DCC8 ACT-ACTF4201-415-DCC8 Datasheet
381Kb / 6P
RF filter
ACTF4201/415/DCC8 ACT-ACTF4201/415/DCC8 Datasheet
381Kb / 6P
RF filter
ACTF4208 ACT-ACTF4208 Datasheet
837Kb / 6P
Low-loss RF filter
More results

Similar Description - ACTF420

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF5914 ACT-ACTF5914 Datasheet
38Kb / 2P
low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF8012 ACT-ACTF8012 Datasheet
71Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9165 ACT-ACTF9165 Datasheet
69Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9305 ACT-ACTF9305 Datasheet
75Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF0327 ACT-ACTF0327 Datasheet
103Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF1459 ACT-ACTF1459 Datasheet
37Kb / 2P
low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF2703 ACT-ACTF2703 Datasheet
69Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF3004 ACT-ACTF3004 Datasheet
67Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4003 ACT-ACTF4003 Datasheet
67Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4006 ACT-ACTF4006 Datasheet
62Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com