Electronic Components Datasheet Search
  English  ▼

X  

ACTF433 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF433
Description  low-loss, compact, and economical surface-acoustic-wave (SAW) filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF433 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF433 Datasheet HTML 1Page - Advanced Crystal Technology ACTF433 Datasheet HTML 2Page - Advanced Crystal Technology ACTF433 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 OF 3
The ACTF433/433.92/TO39 is a low-loss, compact, and economical surface-acoustic-wave
(SAW) filter in a low-profile metal TO-39 case designed to provide front-end selectivity in
433.920 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500
kHz IF, direct conversion and superregen.
1. Package Dimension (TO-39)
2.
3. Test Circuit
Pin
Configuration
1
Input / Output
2
Output / Input
3
Case Ground
Dimension
Data (unit: mm)
A
9.30±0.20
B
5.08±0.10
C
3.40±0.20
D
3±0.20
⁄5±0.20
E
0.45±0.20
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF433

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF433.92/433.92/F11 ACT-ACTF433.92/433.92/F11 Datasheet
51Kb / 3P
low-loss, compact, and economical surface-acoustic-wave filter
SEPT 04
ACTF43392 ACT-ACTF43392 Datasheet
51Kb / 3P
low-loss, compact, and economical surface-acoustic-wave filter
SEPT 04
ACTF433E ACT-ACTF433E Datasheet
66Kb / 3P
low-loss, compact, and economical surface-acoustic-wave filter
SEPT 04
ACTF433E/433.92/TO39 ACT-ACTF433E/433.92/TO39 Datasheet
66Kb / 3P
low-loss, compact, and economical surface-acoustic-wave filter
SEPT 04
More results

Similar Description - ACTF433

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF5914 ACT-ACTF5914 Datasheet
38Kb / 2P
low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF8012 ACT-ACTF8012 Datasheet
71Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9165 ACT-ACTF9165 Datasheet
69Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9305 ACT-ACTF9305 Datasheet
75Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF0327 ACT-ACTF0327 Datasheet
103Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF1459 ACT-ACTF1459 Datasheet
37Kb / 2P
low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF2703 ACT-ACTF2703 Datasheet
69Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF3004 ACT-ACTF3004 Datasheet
67Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4003 ACT-ACTF4003 Datasheet
67Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4006 ACT-ACTF4006 Datasheet
62Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com