Electronic Components Datasheet Search
  English  ▼

X  

6909902 Datasheet(PDF) 21 Page - Clarke International

Part # 6909902
Description  CAST IRON STOVE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6909902 Datasheet(HTML) 21 Page - Clarke International

Back Button 6909902 Datasheet HTML 17Page - Clarke International 6909902 Datasheet HTML 18Page - Clarke International 6909902 Datasheet HTML 19Page - Clarke International 6909902 Datasheet HTML 20Page - Clarke International 6909902 Datasheet HTML 21Page - Clarke International 6909902 Datasheet HTML 22Page - Clarke International 6909902 Datasheet HTML 23Page - Clarke International 6909902 Datasheet HTML 24Page - Clarke International 6909902 Datasheet HTML 25Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21 of 32
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
When used for the first time the fireplace may smell a little, due to gas being
given off. The gas is not toxic but the room should be thoroughly ventilated.
Let the fire burn with a high draught until no smells can be detected.
Burning the stove at a very high temperature the first few times may damage
the paint. Burn fires at a moderate level the first few days. DO NOT place
anything on the stove top during the curing process as this may result in
damage to your paint finish.
Take care not to open the stove door too vigorously in case of causing smoke
spillage. If smoke spillage occurs after the fire door has been opened this
could be due to poor chimney draft. SEE TROUBLESHOOTING ON P27.
STARTING THE FIRE
1. Open the air control.
2. Lay firelighters or rolled up newspapers on the grate with a reasonable
quantity of dry kindling wood. Place 2 or 3 small logs on top.
3. Light the newspaper or firelighters using a long taper and close the door.
4. When the fire is burning strongly add further logs up to 10cm diameter.
5. When the stove is really hot, close the air control as required. Ensure there
are lasting flames until the wood becomes charcoal.
REFUELLING
1. Always open the door slowly to avoid a sudden rush of intake air and
smoke escaping into the room and add fuel.
2. Open the air controls and leave open for a few minutes to allow the gasses
in the wood to burn before closing the air controls.
•
The rate of refuelling and heat available are dependant upon individual
requirements based upon the user’s experience. When re-loading, it is
normally necessary to burn the stove fast initially, to drive off any gasses
and moisture, before closing the air vents to control the burn rate.
•
Ensure the door is kept closed to contain fumes except when lighting up,
re-fuelling or removing ash.
•
It is not recommended to leave the stove alight at night or to continue
using the stove in mild weather which gives poor combustion leading to a
greater buildup of soot.
•
If overnight burning is required, it can best be achieved by first driving off
any gasses or moisture as usual, following a full charge of fuel and then
closing the air vents fully. Experience will indicate the optimum setting.
However, by reducing the burn rate to such a level that the fire is still
burning the following day, the burning process creates heavy, tarry
chemicals which will become deposited on the inside of the flue or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com