Electronic Components Datasheet Search
  English  ▼

X  

DBD2 Datasheet(PDF) 1 Page - Mobile Mark, Inc.

Part # DBD2
Description  VHF/UHF Dual Band Diplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOBILEMARK [Mobile Mark, Inc.]
Direct Link  https://www.mobilemark.com/
Logo MOBILEMARK - Mobile Mark, Inc.

DBD2 Datasheet(HTML) 1 Page - Mobile Mark, Inc.

  DBD2 Datasheet HTML 1Page - Mobile Mark, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
„
Subject to Change Without Notice Rev 1 RA-08/2025 © 2025 Mobile Mark, Inc.
US Headquarters +1.847.671.6690 • US/CA Toll Free +1.800.648.2800
European Facility +44.1543.459555 •
www.MobileMark.com
Moving Wireless Forward®
„
Email info@mobilemark.com (US) or enquiries@mobilemarkeurope.co.uk (UK)
3.6”
[9.2cm]
4.1”
[10.5cm]
PRODUCT OVERVIEW
The DBD2 is a dual band diplexer that enables simultaneous VHF and UHF operation, either
with a dual-band transceiver and separate VHF and UHF antennas, or with a broadband
antenna and two transceivers (one for VHF and one for UHF).
Rugged Construction: This coupler is designed to handle 150 watts when connected to the
correct ports. All 1000-volt capacitors have been used in filter stages to ensure trouble free
high power operation.
Weatherproof: The black anodized aluminum housing is designed to provide splashproof
protection when installed in a vehicle during operation. Teflon “N” connector terminations
ensure highest quality interface for all signals.
Isolation: A minimum of 20dB isolation at VHF and UHF in active bands with VSWR @ less
than 1.5:1 with all ports terminated at 50 ohms.
VHF/UHF Dual Band Diplexer
HIGHLIGHTS:
•
VHF/UHF Dual Band Coupler
•
100-174, 380-960 MHz
•
Rugged, Durable, and Weatherproof
•
Fast Delivery
•
Manufactured in North America & Europe
COMMON APPLICATIONS:
•
Land Mobile Radio
•
Public Safety
•
Ambulance
•
Fire Department
•
Transportation
BANDS:
•
VHF
•
UHF
Electrical Specifications
Frequency 100-174, 380-960MHz
Insertion Loss <0.3dB (across 98% of Mid-Band)
<0.6dB (across 2% of Band Edge)
VSWR <1.5:1
Impedance 50 Ohms
Power Rating 150 Watts
Mechanical Specifications
Construction Black anodized amluminum housing
Termination Teflon Type “N” female
Dimensions 4.1” (10.5cm) long x 3.6” (9.2cm) wide x
1.2” (3.1cm) height
Mounting Mounting Flange
Weight 0.623 lbs (283g)
DBD2


Similar Part No. - DBD2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250 Datasheet
47Kb / 3P
Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
DBD250 SANYO-DBD250 Datasheet
46Kb / 3P
25.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD250G ONSEMI-DBD250G Datasheet
656Kb / 2P
25.0A Single-Phase Bridge Rectifier
April, 2014
logo
Sanyo Semicon Device
DBD250 SANYO-DBD250_10 Datasheet
46Kb / 3P
25.0A Single-Phase Bridge Rectifier
More results

Similar Description - DBD2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
Nov 1988
logo
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F Datasheet
137Kb / 4P
VHF UHF WIDE BAND AMPLIFIER
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
VHF~UHF WIDE BAND AMPLIFIER
logo
Hitachi Semiconductor
2SC5140 HITACHI-2SC5140 Datasheet
60Kb / 8P
VHF / UHF wide band amplifier
logo
Toshiba Semiconductor
2SK3077A TOSHIBA-2SK3077A Datasheet
113Kb / 5P
VHF/UHF Band Amplifier Applications
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
VHF~UHF Wide Band Amplifier
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
VHF~UHF Wide Band Amplifier
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
WIDE BAND VHF/UHF AMPLIFIER
logo
Pulse A Technitrol Comp...
NMO2 PULSE-NMO2 Datasheet
273Kb / 1P
MULTI BAND VHF/UHF
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com