Electronic Components Datasheet Search
  English  ▼

X  

2100308 Datasheet(PDF) 4 Page - Clarke International

Part # 2100308
Description  POWER WASHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

2100308 Datasheet(HTML) 4 Page - Clarke International

  2100308 Datasheet HTML 1Page - Clarke International 2100308 Datasheet HTML 2Page - Clarke International 2100308 Datasheet HTML 3Page - Clarke International 2100308 Datasheet HTML 4Page - Clarke International 2100308 Datasheet HTML 5Page - Clarke International 2100308 Datasheet HTML 6Page - Clarke International 2100308 Datasheet HTML 7Page - Clarke International 2100308 Datasheet HTML 8Page - Clarke International 2100308 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
4
ASSEMBLY AND PREPERATION FOR USE
• A - Pressure Regulator Knob
• B - Low Pressure Water Inlet
• C - High Pressure Water Outlet
• D - Pressure Guage
• E - Unloader Valve
• F - Detergent Hose
1. Attach the handle to the frame,
using the plastic screws supplied.
2. Assemble the lance, by screwing
the two halves together securely,
with the hand grip in any position convenient to the operator.
3. Two nipple sizes are supplied. That with the larger bore, is the low pressure
nipple, and should be screwed in to the tube nearest to the hand grip,
using a suitable socket.
The smaller bore nipple, is therefore screwed into the tube furthest from the
hand grip.
4. Connect the high pressure hose to the upper connection (C) on the
unloader valve,
• Fit the dowty washer between the hose and upper connection (C).
5. Connect the other end of ther hose to the connection at the lance,
ensuring the seals are correctly in place.
6. The hose from the mains supply is connected to the lower connection (B).
• A good quality hose of at least 1/2" should be used, and is available
from DIY, hardware and gardening supply stores. ALL connections
must be tight to prevent leaks.
7. Check the pump oil level using the sight glass, but be aware that if the level
is not visible, it may be as a result of over-filling, and should be checked by
removing the filler plug, and checking. Top up where necessary with the
recommended oil.
8. Refer to the handbook supplied for the engine, and check the engine oil
level, topping up where necessary with the recommended oil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com