Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA859
Description  OPA955 11GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA859 Datasheet(HTML) 2 Page - Texas Instruments

  OPA859 Datasheet HTML 1Page - Texas Instruments OPA859 Datasheet HTML 2Page - Texas Instruments OPA859 Datasheet HTML 3Page - Texas Instruments OPA859 Datasheet HTML 4Page - Texas Instruments OPA859 Datasheet HTML 5Page - Texas Instruments OPA859 Datasheet HTML 6Page - Texas Instruments OPA859 Datasheet HTML 7Page - Texas Instruments OPA859 Datasheet HTML 8Page - Texas Instruments OPA859 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics ............................................5
6.6 Typical Characteristics................................................ 7
7 Parameter Measurement Information............................ 9
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Description...................................................11
8.4 Device Functional Modes..........................................12
9 Application and Implementation.................................. 12
9.1 Power Supply Recommendations.............................13
9.2 Layout....................................................................... 14
10 Device and Documentation Support..........................16
10.1 Device Support....................................................... 16
10.2 Documentation Support.......................................... 16
10.3 Receiving Notification of Documentation Updates..16
10.4 Support Resources................................................. 16
10.5 Trademarks.............................................................16
10.6 Electrostatic Discharge Caution..............................16
10.7 Glossary..................................................................16
11 Revision History.......................................................... 16
12 Mechanical, Packaging, and Orderable
Information.................................................................... 17
4 Device Comparison Table
DEVICE
INPUT TYPE
MINIMUM STABLE
GAIN (V/V)
VOLTAGE NOISE
(nV/√Hz)
CURRENT NOISE
(pA/√Hz)
INPUT
CAPACITANCE (pF)
GAIN BANDWIDTH
(GHz)
OPA955
Bipolar
7
0.79
0.55
1.1
11
OPA855
Bipolar
7
0.98
2.5
0.8
8
OPA856
Bipolar
1
0.9
2.5
1.1
1.1
OPA858
CMOS
7
2.5
0.055
0.8
5.5
OPA859
CMOS
1
3.3
0.055
0.8
0.9
LMH6629
Bipolar
10
0.69
2.6
2.1
4
OPA818
JFET
7
2.2
0.145
2.4
2.7
OPA955
SLOSEE6 – JULY 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com