Electronic Components Datasheet Search
  English  ▼

X  

HDMI-MM-2M Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDMI-MM-2M
Description  HDMI 2.0 M/M CABLE, GOLD PLATED CONNECTOR, NYLON BRAID, 4K@ 60Hz, 18G
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDMI-MM-2M Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDMI-MM-2M Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DGUTTADAURO
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
LENGTH
.35
9.0
NOTES:
CABLE ASSEMBLY LENGTH LABEL PLACEMENT: 36 INCHES OR
1.
LESS, ONE LABEL APPROXIMATELY CENTERED. LONGER
THAN 36 INCHES, TWO LABELS APPROXIMATELY 6 INCHES
FROM EACH CONNECTOR.
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
3.
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
P2
HDMI AM 19P
SHELL/PIN: GOLD PLATED
2X BLACK 45P PVC
LABEL
SEE NOTE 1
(1/0.23BC*1P+D1/0.23BC+AL-FOIL)*5C+1/0.23BC*4C+AL-FOIL
+D1/0.23BC+B64#/0.12AL-MG
JACKET: BLACK PVC OD: 6.0
+BLACK THREE WIRE NYLON NET OD: 6.8 0.15mm
18
19
1
2
19
18
2
1
P1
HDMI AM 19P
SHELL/PIN: GOLD PLATED
WWW.L-COM.COM
LCXXXXX
PART NUMBER
LENGTH
FEET
METERS
HDMI-MM-05M
1.64
0.5 .02
HDMI-MM-1M
3.28
1.0 .03
HDMI-MM-2M
6.56
2.0 .03
HDMI-MM-3M
9.84
3.0 .03
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
3/3/2023
DMAY
DGUTTADAURO
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HDMI-MM
A
1
1
HBAKKE
3/6/2023
3/6/2023
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
CONNECTOR, NYLON BRAID, 4K@ 60Hz, 18G
AUDIO/VIDEO
UNLESS OTHERWISE SPECIFIED,
DMAY
COLOR VARIATIONS
MAY OCCUR
3/3/2023
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: HDMI-MM.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]
HDMI 2.0 M/M CABLE, GOLD PLATED


Similar Part No. - HDMI-MM-2M

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDMI-MM-2M L-COM-HDMI-MM-2M Datasheet
116Kb / 1P
HDMI 2.0 M/M CABLE, GOLD PLATED CONNECTOR, NYLON BRAID, 4K@ 60Hz, 18G
3/3/2023
HDMI-MM-2M L-COM-HDMI-MM-2M Datasheet
116Kb / 1P
HDMI 2.0 M/M CABLE, GOLD PLATED CONNECTOR, NYLON BRAID, 4K@ 60Hz, 18G
3/3/2023
HDMI-MM-2M L-COM-HDMI-MM-2M Datasheet
116Kb / 1P
HDMI 2.0 M/M CABLE, GOLD PLATED CONNECTOR, NYLON BRAID, 4K@ 60Hz, 18G
3/3/2023
More results

Similar Description - HDMI-MM-2M

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687670018 MOLEX1-0687670018 Datasheet
34Kb / 1P
HDMI(M)-to-HDMI(M) Cable Assembly, 28 AWG 1.0m Length, Gold (Au) Plated
0687670023 MOLEX1-0687670023 Datasheet
34Kb / 1P
HDMI(M)-to-HDMI(M) Cable Assembly, 30 AWG 1.0m Length, Gold (Au) Plated
0687670024 MOLEX1-0687670024 Datasheet
34Kb / 1P
HDMI(M)-to-HDMI(M) Cable Assembly, 30 AWG 2.0m Length, Gold (Au) Plated
0687670025 MOLEX1-0687670025 Datasheet
34Kb / 1P
HDMI(M)-to-HDMI(M) Cable Assembly, 30 AWG 3.0m Length, Gold (Au) Plated
logo
Tripp Lite. All Rights ...
P142-000-UP TRIPPLITE-P142-000-UP Datasheet
167Kb / 2P
HDMI Right Angle Up Adapter / Coupler (M/F), 4K @ 60Hz
P582-010-4K6AE TRIPPLITE-P582-010-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 10 ft., Black
P582-015-4K6AE TRIPPLITE-P582-015-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 15 ft., Black
P582-020-4K6AE TRIPPLITE-P582-020-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 20 ft., Black
P584-006 TRIPPLITE-P584-006_V01 Datasheet
32Kb / 3P
Mini DisplayPort Cable, 4K 60Hz (M/M), White, 6 ft. (1.8 m)
P584-010 TRIPPLITE-P584-010_V01 Datasheet
32Kb / 3P
Mini DisplayPort Cable, 4K 60Hz (M/M), White, 10 ft. (3.05 m)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com