Electronic Components Datasheet Search
  English  ▼

X  

MBR2X160A200 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR2X160A200
Description  Schottky Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR2X160A200 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR2X160A200 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR2X160A200 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR2X160A200
D
Schottky Rectifier Diode
www.iscsemi.com
1
DESCRIPTION
·
High Surge Capability
·
Electrically Isolated Base Plate
·
Not ESD Sensitive
APPLICATIONS
·
SMPS
·
UPS
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Maximum recurrent peak reverse voltage
200
V
VDC
Maximum DC blocking voltage
200
V
VRMS
Maximum RMS Voltage
140
V
IFAV
Average forward current,TC=110℃, (per pkg)
320
A
IFSM
Peak forward surge current,8.3ms,half sine(per leg)
2000
A
Rth j-c
Maximum thermal resistance junction to case(per leg)
0.3
℃
/W
TJ
Operating temperature
-40~150
℃
Tstg
Storage temperature
-40~150
℃
Visol
Isolation voltage,AC,1min
2500
V
ELECTRICAL CHARACTERISTICS(TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Maximum instantaneous
forward voltage
(per leg)
IF= 160A
--
--
0.92
V
IR
Maximum instantaneous reverse current at
rated DC blocking voltage (per leg)
--
--
3.0
mA


Similar Part No. - MBR2X160A200

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X160A200 GENESIC-MBR2X160A200 Datasheet
314Kb / 3P
Electrically Isolated Base Plate
MBR2X160A200 GENESIC-MBR2X160A200 Datasheet
653Kb / 3P
Schottky Rectifier Module
MBR2X160A200 GENESIC-MBR2X160A200_18 Datasheet
653Kb / 3P
Schottky Rectifier Module
More results

Similar Description - MBR2X160A200

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR0530 UTC-MBR0530 Datasheet
82Kb / 3P
SCHOTTKY RECTIFIER DIODE
MBR0540 UTC-MBR0540 Datasheet
83Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
List of Unclassifed Man...
MS503 ETC2-MS503 Datasheet
232Kb / 3P
Schottky Rectifier Diode
logo
Seme LAB
1N5819D2A SEME-LAB-1N5819D2A Datasheet
194Kb / 4P
SCHOTTKY RECTIFIER DIODE
logo
Infineon Technologies A...
BAS3020B INFINEON-BAS3020B Datasheet
131Kb / 7P
Schottky Rectifier Diode
2007-12-14
logo
Seme LAB
1N5819CSM4 SEME-LAB-1N5819CSM4_09 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Shanghai Shunye Electro...
25SQ045 SHUNYE-25SQ045 Datasheet
395Kb / 2P
SCHOTTKY RECTIFIER DIODE
logo
TT Electronics.
1N5806D2 TTELEC-1N5806D2 Datasheet
461Kb / 4P
SCHOTTKY RECTIFIER DIODE
1N5819CSM4 TTELEC-1N5819CSM4 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Inchange Semiconductor ...
STPS160H100TV ISC-STPS160H100TV Datasheet
550Kb / 3P
Schottky Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com