Electronic Components Datasheet Search
  English  ▼

X  

GD-JTLPS1-14 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GD-JTLPS1-14
Description  DURIS® E 2835
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GD-JTLPS1-14 Datasheet(HTML) 1 Page - ams-OSRAM AG

  GD-JTLPS1-14 Datasheet HTML 1Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 2Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 3Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 4Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 5Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 6Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 7Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 8Page - ams-OSRAM AG GD-JTLPS1-14 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GD JTLPS1.14
DATASHEET
DATASHEET
1 | Version 1.4 | 2023-02-23
www.osram-os.com
GD JTLPS1.14
Datasheet
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - GD-JTLPS1-14

ManufacturerPart #DatasheetDescription
logo
AZ Displays
GD-028 AZDISPLAYS-GD-028 Datasheet
44Kb / 1P
AZ DISPLAYS, INC.
GD-042AP AZDISPLAYS-GD-042AP Datasheet
40Kb / 1P
AZ DISPLAYS, INC.
GD-057BP AZDISPLAYS-GD-057BP Datasheet
52Kb / 1P
AZ DISPLAYS, INC.
GD-1020P AZDISPLAYS-GD-1020P Datasheet
45Kb / 1P
AZ DISPLAYS, INC.
GD-1028P AZDISPLAYS-GD-1028P Datasheet
42Kb / 1P
AZ DISPLAYS, INC.
More results

Similar Description - GD-JTLPS1-14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Bridgelux, Inc.
SMD2835 BRIDGELUX-SMD2835 Datasheet
1Mb / 23P
Bridgelux® SMD 2835 0.2W 3V
Rev. B
logo
ams AG
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
logo
Lapp.
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
61802305 LAPP-61802305 Datasheet
102Kb / 1P
SILVYN® LTP-E
03.07.2018
logo
SIKA BUILDING TRUST
MONOGRIS-E SIKA-MONOGRIS-E Datasheet
695Kb / 4P
Parex® MONOGRIS E
December 2021, Version 01.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com