Electronic Components Datasheet Search
  English  ▼

X  

ATLS1A101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATLS1A101
Description  Low Noise Constant Current Laser Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATLS1A101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATLS1A101 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATLS1A101 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATLS1A101 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATLS1A101 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATLS1A101 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATLS1A101 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5 5 0 E. Weddell Drive, Suit e 4, Sunnyvale, CA 94 08 9, U. S. A. Tel.: (4 08 ) 7 4 7 -9 7 6 0 , Fax: (4 0 8 ) 74 7-97 70 , W eb: w w w .analogt echnologies.com
© Copyrights 2000 – 2005, Analog Technologies, Inc. All Rights Reserved.
2
Analog Technologies
ATLS1A101
Low Noise Constant Current Laser Driver
power supply 0V
D2
Green LED
2
W1
100K
(Clock-wise)
Power Supply 5V
S1
SPST
LISH
6
VPS
12
LDC
10
SDN
7
LDA
9
2P5VR
2
P5V
5
PGND
11
LPGD
8
LILM
3
LISL
4
AGND
1
U1
ATLS1A101
D1
Laser Diode
Voltmeter
Shut Down
Loop Good
Indication
(Optional)
(Optional)
Figure 2 A Typical Stand-alone Application Schematic
power supply 0V
Power Supply 5V
LISH
6
VPS
12
LDC
10
SDN
7
LDA
9
2P5VR
2
P5V
5
PGND
11
LPGD
8
LILM
3
LISL
4
AGND
1
U1
ATLS1A101
D1
Laser Diode
ADC
MC
MC
DAC
Figure 3 A Typical Micro-processor-based Application Schematic
LISH
6
VPS
12
LDC
10
SDN
7
LDA
9
2P5V
2
P5V
5
PGND
11
LPGD
8
LILM
3
LISL
4
AGND
1
Infinite
1.5M
200K
Infinite
<60
0.5
2K
49.9K
Infinite (AC)
0.3 (AC)
ATLS1A101
Figure 4 Equivalent Internal Circuits



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com