Electronic Components Datasheet Search
  English  ▼

X  

CSR47 Datasheet(PDF) 2 Page - Clarke International

Part # CSR47
Description  STORAGE BIN RACKS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSR47 Datasheet(HTML) 2 Page - Clarke International

  CSR47 Datasheet HTML 1Page - Clarke International CSR47 Datasheet HTML 2Page - Clarke International CSR47 Datasheet HTML 3Page - Clarke International CSR47 Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INTRODUCTION
Thank you for purchasing this CLARKE Storage Bin Rack. Before attempting to assemble the
unit, please read this manual thoroughly and follow the instructions carefully.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12 months from the date of
purchase. Please keep your receipt which will be required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or tampered with in any
way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be returned to us
without prior permission. This guarantee does not effect your statutory rights.
SPECIFICATION
Top section
Back Strut
Small Bins (red)
Bin Support crossbar
Upright Support
Large Bins (blue)
Upright Supports
Base platform
Castor with brake (CSR94-mobile
unit only)
Castor without brake (CSR94-
mobile unit only)
l
e
d
o
M
d
e
d
i
s
e
l
g
n
i
s
7
4
R
S
C
d
e
d
i
s
e
l
b
u
o
d
e
l
i
b
o
M
4
9
R
S
C
y
t
i
c
a
p
a
c
d
a
o
L
,
ll
a
m
s
r
o
f
c
p
/
s
g
k
5
.
1
e
g
r
a
l
r
o
f
c
p
/
s
g
k
5
.
2
,
ll
a
m
s
r
o
f
c
p
/
s
g
k
5
.
1
e
g
r
a
l
r
o
f
c
p
/
s
g
k
5
.
2
H
x
W
x
L
s
n
o
i
s
n
e
m
i
Dm
m
0
5
1
1
x
0
8
2
x
0
4
9m
m
5
4
2
1
x
0
0
5
x
0
4
9
t
h
g
i
e
Wg
k
3
2g
k
5
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com