Electronic Components Datasheet Search
  English  ▼

X  

CS4700BO Datasheet(PDF) 7 Page - Clarke International

Part # CS4700BO
Description  INDUSTRIAL SHELVING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CS4700BO Datasheet(HTML) 7 Page - Clarke International

  CS4700BO Datasheet HTML 1Page - Clarke International CS4700BO Datasheet HTML 2Page - Clarke International CS4700BO Datasheet HTML 3Page - Clarke International CS4700BO Datasheet HTML 4Page - Clarke International CS4700BO Datasheet HTML 5Page - Clarke International CS4700BO Datasheet HTML 6Page - Clarke International CS4700BO Datasheet HTML 7Page - Clarke International CS4700BO Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5. Repeat steps 2 to 4 to attach the next set of beams (B) at the same level to
form the second and third shelf frames as shown in fig 2.
NOTE: The units are adjustable in 3” increments.
6. Ensure the last two beams (B) are set into the top two keyholes of the
upright frames as shown in Fig 3.
7. Position the deck supports (C) to span between the beams (B), engaging
the support end in the socket provided in the beam. Four supports per shelf
are required at the positions shown.
8. Place the deck panels (D) onto the deck supports, resting on the top
flange of the beams. Make sure the deck panels sit properly between the
beamsand lay flush as shown in Fig 4.
9. Periodically inspect the unit to ensure the beams are seated correctly and
are firmly connected to the columns. Take care not to overload the
shelves.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com