Electronic Components Datasheet Search
  English  ▼

X  

CSR450 Datasheet(PDF) 7 Page - Clarke International

Part # CSR450
Description  4-SHELF BOLTLESS SHELVING UNITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSR450 Datasheet(HTML) 7 Page - Clarke International

  CSR450 Datasheet HTML 1Page - Clarke International CSR450 Datasheet HTML 2Page - Clarke International CSR450 Datasheet HTML 3Page - Clarke International CSR450 Datasheet HTML 4Page - Clarke International CSR450 Datasheet HTML 5Page - Clarke International CSR450 Datasheet HTML 6Page - Clarke International CSR450 Datasheet HTML 7Page - Clarke International CSR450 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
ENVIRONMENTAL PROTECTION
Do not dispose of old products or damaged parts with general household
waste. All tools, accessories and packaging no longer required should be
sorted, taken to a recycling centre and disposed of appropriately.
Model
Dimensions
(W x D x H)
Weight
(Empty)
Load per
shelf (evenly
distributed)
CRS450 Units
750 x 300 x 1500 mm
6.8 kg
50 kg
CRS4200 Units
900 x 400 x 1800 mm
14.1 kg
200 kg
CRS4350 Units
1600 x 600 x 1800 mm
46.1 kg
350 kg
CSR4550 Unit
1800 x 500 x 2000 mm
42.3 kg
550 kg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com