Electronic Components Datasheet Search
  English  ▼

X  

CSM5265 Datasheet(PDF) 4 Page - Clarke International

Part # CSM5265
Description  5-SHELF BOLTLESS SHELVING UNITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSM5265 Datasheet(HTML) 4 Page - Clarke International

  CSM5265 Datasheet HTML 1Page - Clarke International CSM5265 Datasheet HTML 2Page - Clarke International CSM5265 Datasheet HTML 3Page - Clarke International CSM5265 Datasheet HTML 4Page - Clarke International CSM5265 Datasheet HTML 5Page - Clarke International CSM5265 Datasheet HTML 6Page - Clarke International CSM5265 Datasheet HTML 7Page - Clarke International CSM5265 Datasheet HTML 8Page - Clarke International CSM5265 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INVENTORY
No
Description
Quantity
APost
8
B
Shelf
5
CLong Beam
10
DShort Beam
10
E
Support Beam
5 (900 mm wide units)
10 (1200mm wide units)
F
Post Joining Insert
4
GPlastic End Cap
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com