Electronic Components Datasheet Search
  English  ▼

X  

SD3239 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # SD3239
Description  Inner DC Block From 0.007 MHz to 23 GHz With SMA Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SD3239 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  SD3239 Datasheet HTML 1Page - Infinite Electronics International, Inc. SD3239 Datasheet HTML 2Page - Infinite Electronics International, Inc. SD3239 Datasheet HTML 3Page - Infinite Electronics International, Inc. SD3239 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
.
Description
Connector 1
Connector 2
Type
SMA Male
SMA Female
Connector Specification
MIL-STD-348
MIL-STD-348
Inner Cond Material & Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Inner Cond Plating Spec.
MIL-PRF-39012
MIL-PRF-39012
Coupling Nut Material & Plating Passivated Stainless Steel
Coupling Nut Plating Spec.
QQ-P-35
Hex Size
5/16 inch
Torque
8 in-lbs [0.9 Nm]
Body Material & Plating
Passivated Stainless Steel Passivated Stainless Steel
Body Plating Spec.
QQ-P-35
QQ-P-35
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
-80
-70
-60
-50
-40
-30
-20
-10
0
0.00
2.30
4.60
6.90
9.20
11.50
13.80
16.10
18.40
20.70
23.00
dB
GHz
Return Loss
S11
S22
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0.00
2.30
4.60
6.90
9.20
11.50
13.80
16.10
18.40
20.70
23.00
dB
GHz
Insertion Loss
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 3.1 Page 2 of 4
SD3239
DATA SHEET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com