Electronic Components Datasheet Search
  English  ▼

X  

GF-CSHPM2-24 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GF-CSHPM2-24
Description  OSLON® SSL 150
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GF-CSHPM2-24 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GF-CSHPM2-24 Datasheet HTML 2Page - ams-OSRAM AG GF-CSHPM2-24 Datasheet HTML 3Page - ams-OSRAM AG GF-CSHPM2-24 Datasheet HTML 4Page - ams-OSRAM AG GF-CSHPM2-24 Datasheet HTML 5Page - ams-OSRAM AG GF-CSHPM2-24 Datasheet HTML 6Page - ams-OSRAM AG GF-CSHPM2-24 Datasheet HTML 7Page - ams-OSRAM AG GF-CSHPM2-24 Datasheet HTML 8Page - ams-OSRAM AG GF-CSHPM2-24 Datasheet HTML 9Page - ams-OSRAM AG GF-CSHPM2-24 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GF CSHPM2.24
DATASHEET
DATASHEET
6 | Version 1.18 | 2022-04-07
Brightness Groups
Group Total radiant
flux 1)
Total radiant
flux 1)
PPF *
PPF *
PPF/W *
PF **
PF **
PF/W **
I
F = 350 mA
I
F = 350 mA
min.
max.
min.
max.
typ.
min.
max.
typ.
Φ
E
Φ
E
Φ
p
Φ
p
Φ
p,b
Φ
p,b
2T
315 mW
355 mW
0.25
µmol/s
0.29
µmol/s
0.39
µmol/J
1.89
µmol/s
2.13
µmol/s
2.95
µmol/J
3T
355 mW
400 mW
0.29
µmol/s
0.32
µmol/s
0.44
µmol/J
2.13
µmol/s
2.40
µmol/s
3.32
µmol/J
4T
400 mW
450 mW
0.32
µmol/s
0.36
µmol/s
0.50
µmol/J
2.40
µmol/s
2.70
µmol/s
3.74
µmol/J
Note: [*] Photosynthetic Photon Flux includes wavelengths between 400 and 700 nm
Note: [**] Photon Flux includes wavelengths between 280 and 800 nm
Note: PPF and PF values are for reference only
Centroid Wavelength
Group
Centroid Wavelength 3)
Centroid Wavelength 3)
I
F = 350 mA
I
F = 350 mA
min.
max.
λ
centroid
λ
centroid
1
710 nm
740 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com