Electronic Components Datasheet Search
  English  ▼

X  

STPSC16H065AW Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPSC16H065AW
Description  SiC Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPSC16H065AW Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPSC16H065AW Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPSC16H065AW Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPSC16H065AW
SiC Schottky Diode
www.iscsemi.com
1
DESCRIPTION
· High forward surge capability
· Power efficient product
· Temperature independent switching behavior
APPLICATIONS
·
DC/DC converter
·
High frequency inverter
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
650
V
IFAV
Average Forward Rectified Current
Tc = 115 °C(1), DC current
16
A
IFSM
Forward Peak Surge Current
(tp = 10 ms sinusoidal, TC = 25 °C)
120
A
PD
Maximum Power Dissipation
100
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.5
℃
/W
ELECTRICAL CHARACTERISTICS(TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 16A;TJ= 25℃
--
--
1.75
V
IF= 16A;TJ= 150℃
--
--
2.5
IR
Reverse Current
VR=VRRM;TJ= 25℃
--
--
140
uA
VR=VRRM;TJ=150℃
--
--
560


Similar Part No. - STPSC16H065AW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC16H065A STMICROELECTRONICS-STPSC16H065A Datasheet
235Kb / 9P
650 V power Schottky silicon carbide rectifier
08-Oct-2018
More results

Similar Description - STPSC16H065AW

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com