Electronic Components Datasheet Search
  English  ▼

X  

STTH512D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH512D
Description  Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH512D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH512D Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH512D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STTH512D
Fast Recovery Diode
www.iscsemi.com
1
DESCRIPTION
· Guarding For Over Voltage Protection
· Metal Of Silicon Rectifier,Majority Carrier Conduction
· Low Forward Voltage,High Efficiency
APPLICATIONS
·
Switching Power Supply
·
Motor control
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
1200
V
IFAV
Average Forward Rectified Current
TC = 145 °C
5
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
55
A
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
℃
/W
ELECTRICAL CHARACTERISTICS(TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Diode Forward Voltage
IF= 5A;TJ= 25℃
--
2.2
V
IF= 5A;TJ= 125℃
--
2.0
IR
Reverse Current
VR=VRRM;TJ= 25℃
--
5
uA
VR=VRRM;TJ=125℃
--
30
trr
Reverse Recovery Time
IF=1A,dIF/dt = -50 A/µs,VR = 30 V
--
95
ns


Similar Part No. - STTH512D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH512D STMICROELECTRONICS-STTH512D Datasheet
125Kb / 10P
Ultrafast recovery - 1200 V diode
02-Mar-2006
More results

Similar Description - STTH512D

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com