Electronic Components Datasheet Search
  English  ▼

X  

LDTC0520 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # LDTC0520
Description  nullAMethane Detection Using Unmanned Aerial Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC0520 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  LDTC0520 Datasheet HTML 1Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 2Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 3Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 4Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 5Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Case Study CS-LDTC03 Rev. A
Page 4
© 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
RESULTS
After the flights of the fixed-wing and hexacopter UAS,
the researchers found that the precision of the fixed-wing
system was 5 ppbv/√Hz, and the hexacopter system was
10 ppbv/√Hz. Each system "meets previously estimated
criteria of <40 ppbv needed to quantify emissions at a
landfill." [1]
FIXED-WING RESULTS
With its ability to hold larger and heavier equipment, the
fixed-wing system showed the highest precision of the two
UAS methane sensors. In fact, this design, when used in a
controlled laboratory environment with calibrated standards
showed a precision of 4.5 ppbv. This indicates that the
in-flight measurements are only 0.5 ppbv away from the
maximum precision that the instrument can measure, even
with the variable flight conditions.
To further prove the value of the fixed-wing system, 6
vertical profiles were measured over the course of 15
minutes. These profiles, ranging in altitude from 120 to
583 meters above sea level (m a.s.l.), showed repeatable
results.
Figure 3 depicts these profiles in two ways. First, a time
series is shown, where altitude and methane levels are
presented independently. Second, methane as a function
of altitude is plotted, for each vertical profile. The vertical
profiles are defined in a peak-to-valley or valley-to-peak
fashion. For example, the first vertical profile, beginning at
15:45 local time, started at an altitude of 430 m a.s.l. and
ended at an altitude of 120 m a.s.l.
The structure shown indicates consistent methane minima
around 130 and 400 m, whereas the methane maxima
occur around 240 and 500 m. This repeatability is evidence
of the sensor's capability to resolve atmospheric methane
variability.
Figure 3. Methane data from the fixed-wing UAS instrument during flights in New Jersey. (a) is a time series of the data,
with 6 vertical profiles from 15:45 to 16:00 local time. (b) shows the methane levels as a function of altitude for each profile
during the same time period, with repeatable maxima and minima.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com