Electronic Components Datasheet Search
  English  ▼

X  

LDTC0520 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # LDTC0520
Description  Mapping H2O Transport with Tomographic Absorption Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC0520 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  LDTC0520 Datasheet HTML 1Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 2Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 3Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 4Page - Wavelength Electronics, Inc. LDTC0520 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LDTC12 Rev. A
Page 4
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 5. Two-dimensional contour of H
2O
mole
fraction distribution. Left, CFD simulation; right, present
TAS measurement.1
The reconstruction used for the tomography portion
in this research is highly sensitive to the error/noise in
the integrated absorbance. Any slight fluctuation in the
distribution along the radial direction leads to noticeable
deviations in the final reconstruction. Obtaining A
int accounts
for the majority of the uncertainty. In this research the
uncertainty in A
int is estimated to be ±2.5%. 100 random
tests were run at a height of 5 mm were ran with noise-
perturbed A
int data. Other spectral parameters can contribute
to the uncertainty.
Figure 6 shows the 95% confidence
interval of the random tests and the ±2.5% uncertainty in
linestrength in the shaded area. The uncertainty of the TAS
measurement is relatively small at ΔX
H2O ≈ ±0.0025 when
considering the ambient H
2O used as the absorbing species
in the data collection at X
H2O = 0.02889.
1
Figure 6. Uncertainty
of
the
present
TAS
reconstructions of X
H2O (H = 5 mm) in the laminar jet.
1
The combined methods of absorption spectroscopy and
2D tomography allowed researchers to reveal the H
2O
transport in a non-reactive laminar jet. The water vapor
in the ambient was used as the absorbing species in the
TAS measurements, and results were well matched with
CFD simulations. Mole fraction of H
2O was mapped in
similar fashion to CFD 2D contour distribution, and the
experimental data agreed with simulation data. The
reconstruction uncertainty of ±0.0025 was considered
reasonable and successful.1 Although further improvements
can be made to upgrade the TAS system, TAS has
been proven to be a useful tool in the research of mass
transfer and the scalar field of gaseous flows. Combustion
diagnostics and other non-reactive jets can benefit from the
developed TAS technology.
WAVELENGTH'S ROLE
A distributed-feedback (DFB) laser served as the TAS
laser source for the investigation of H
2O transport in a dry
laminar jet with TAS. The laser required stable current and
temperature control in the precision setup. Wavelength
Electronics' LDTC0520 laser diode and temperature
controller provided the stable drive current and temperature
control for the DFB laser with minimal noise and high
temperature accuracy. This ensured minimal noise was
added to the photodetector after TAS. The LDTC0520
provides up to 500 mA output current to the laser as well as
up to ±2.2 A to the thermoelectric cooler or resistive heater.
With low noise of 7.5 μA RMS and current stability as low
as 50 ppm at 25ºC for 1 hour, the LDTC0520 delivered
constant current to the laser for constant center wavelength
for the tomography absorption measurements. The
precision temperature stability of the temperature controller
at 0.005ºC at 25ºC for 1 hour also provided system stability.
The laser current was modulated with a triangle current
scanning signal of 1 kHz using the LDTC0520. The
bandwidth of the LDTC0520 can be as high as 500 kHz
for a variety of applications. Both the laser driver and
temperature controller portions of the LDTC0520 have
special safety features and designs for optimal user setup
and control.
The LDTC0520 driver and temperature controller enabled
sensitive gaseous process characterization with low noise
and stable current and temperature output. This makes
the developed TAS system a reliable tool for exploring the
effects of various conditions on practical applications of
combustion and other gaseous processes.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com