Electronic Components Datasheet Search
  English  ▼

X  

FL500 Datasheet(PDF) 7 Page - Wavelength Electronics, Inc.

Part # FL500
Description  Single 500 mA or Dual 250 mA Channel Laser Diode Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

FL500 Datasheet(HTML) 7 Page - Wavelength Electronics, Inc.

Back Button FL500 Datasheet HTML 3Page - Wavelength Electronics, Inc. FL500 Datasheet HTML 4Page - Wavelength Electronics, Inc. FL500 Datasheet HTML 5Page - Wavelength Electronics, Inc. FL500 Datasheet HTML 6Page - Wavelength Electronics, Inc. FL500 Datasheet HTML 7Page - Wavelength Electronics, Inc. FL500 Datasheet HTML 8Page - Wavelength Electronics, Inc. FL500 Datasheet HTML 9Page - Wavelength Electronics, Inc. FL500 Datasheet HTML 10Page - Wavelength Electronics, Inc. FL500 Datasheet HTML 11Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RESET
(Active Low,
TTL compatible
VDD
GND
LDC1
LDC1
LDC2
LDC2
PWR GND
(for LD VS)
PWR GND
(for LD VS)
VSET 1
VSET 2
(Impedance:
2kΩ per driver,
1kΩ when
paralleled)
GND (forVSET)
VS
LD
VDD
SAFETY INFORMATION
SAFE OPERATING AREA — DO NOT EXCEED
INTERNAL POWER DISSIPATION LIMITS
Before attempting to operate the FL500 driver, it is imperative
that you first determine that the unit will operate within the
Safe Operating Area (SOA). Operating outside of the SOA
may damage the laser and the FL500. Operating outside of
the SOA will void the warranty.
To determine if the FL500 driver will be operating in the
safe range in your application, consult the instructions for
calculating the Safe Operating Area online:
www.teamwavelength.com/support/design-tools/soa-ld-calculator/
SOA charts are included in this datasheet for quick reference
(
page 11), but we recommend you use the online tools
instead.
To ensure safe operaTion of The fL500 Driver, iT
is imperaTive ThaT you DeTermine if The uniT is going
To be operaTing wiThin The inTernaL heaT DissipaTion
safe operaTing area (soa).
If you have any questions about the Safe Operating Area
calculator, call the factory for free and prompt technical
assistance.
PREVENT DAMAGE FROM ELECTROSTATIC
DISCHARGE
Before proceeding, it is critical that you take precautions to
prevent electrostatic discharge (ESD) damage to the driver
and your laser. ESD damage can result from improper
handling of sensitive electronics, and is easily preventable
with simple precautions.
For more information regarding ESD, see Application Note
AN-LDTC06: Basics: Electrostatic Discharge (ESD).
We recommend that you always observe ESD precautions
when handing the FL500 driver and your laser diode.
!
THEORY OF OPERATION
The FL500 driver is a controlled current source: it delivers
the current commanded by the setpoint. The current source
continually monitors the actual output current, compares it to
the setpoint, and adjusts the current if there is a difference
between the two signals.
It may be useful to remember that you do not directly set the
driver current setpoint; instead, you adjust a voltage signal
that represents the output current. The voltage and output
current are related by a transfer function that varies by driver
capacity. The setpoint voltage is adjusted with an external
input.
As current is driven through the load, there is a voltage drop
across the load because of the impedance. As the current
increases, the voltage drop may increase to the point that it
reaches the Compliance Voltage limit of the current source.
Once that occurs, the current source is no longer able to
increase the current driven to the load even if you increase
the setpoint.
Figure 6 shows the block diagram of the FL500.
The FL500 driver includes features that help protect your
laser and make the driver more versatile in a wide array of
applications: handheld devices, airborne applications, and
spectroscopy systems.
Figure 6. FL500 Block Diagram
© 2025
www.teamWavelength.com
7
FL500 LASER DIODE DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com