Electronic Components Datasheet Search
  English  ▼

X  

CWB450WS Datasheet(PDF) 2 Page - Clarke International

Part # CWB450WS
Description  BOLTLESS WORKSTATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWB450WS Datasheet(HTML) 2 Page - Clarke International

  CWB450WS Datasheet HTML 1Page - Clarke International CWB450WS Datasheet HTML 2Page - Clarke International CWB450WS Datasheet HTML 3Page - Clarke International CWB450WS Datasheet HTML 4Page - Clarke International CWB450WS Datasheet HTML 5Page - Clarke International CWB450WS Datasheet HTML 6Page - Clarke International CWB450WS Datasheet HTML 7Page - Clarke International CWB450WS Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE workstation.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
SPECIFICATION
UNPACKING
When unpacking, check for damaged or missing parts. Any deficiencies
found should be reported to your CLARKE dealer where the product was
originally purchased.
Do not dispose of damaged components or packaging with general
household waste. They should be taken to a recycling centre and disposed of
appropriately. This product should include the items listed on page 4.
Model
CWB450WS
Dimensions (L x W x H)
1800 x 750 x 1695 mm
Weight
60 kg
Maximum rated load
300 kg/board
100 kg/shelf



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com