Electronic Components Datasheet Search
  English  ▼

X  

MP-202 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # MP-202
Description  LED unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

MP-202 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  MP-202 Datasheet HTML 1Page - PATLITE CORPORATION. MP-202 Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
Conforms to the UKCA Requirements
H
Page
SPECIFICATIONS
Drawing No.
Rev.
MP-502-W18
MP-402
MP-302
MP-202
MP-102
MP-_02
MP-502
Upright
Protection Rating
Mounting Location
24V AC/DC (50/60Hz)
Rated Voltage ±10%
Per Unit
Red:29.0mA, Amber:29.5mA, Green:17.1mA, Blue:17.1mA, White:17.1mA
Per Unit
19.6m/s²
Insulation Resistance
More than 1MΩ at 500VDC between the terminals and the chassis
IP65 (IEC 60529)
Red:32.7mA, Amber:34.5mA, Green:21.4mA, Blue:21.4mA, White:21.4mA
Operating Ambient Temperature
-30℃ to +60℃
Operating Ambient Humidity
Less than 90% (No condensation)
Indoors
2 tiers
UL Registered Model
Conforms to the CE Requirements
UL Recognized Component (File No.E215660)
RoHS Directive (EN IEC 63000)
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
Red:550mcd, Amber:650mcd, Green:1900mcd, Blue:700mcd, White:1600mcd
1 tier:0.21kg, 2 tiers:0.23kg, 3 tiers:0.25kg, 4 tiers:0.27kg, 5 tiers:0.29kg
Outer Dimensions
Withstand Voltage
500VAC applied for 1min between terminals and chassis without breaking insulation
Rated Voltage
Operating Voltage Range
Signal Wire Current
Refer to the Outer Dimension Drawing
Luminous Intensity
Mass (Tolerance ±10%)
Vibration Resistance
Typ.
Max.
Mounting Direction
1 tier
Conformity Standards
Remarks
Model
5 tiers
4 tiers
3 tiers
Model Number Configuration
MP-□02-□□□□□
Tier
1 : 1 tier
2 : 2 tiers
3 : 3 tiers
4 : 4 tiers
5 : 5 tiers
Luminous Color
R : Red
Y : Amber
G : Green
B : Blue
C : White
1/2


Similar Part No. - MP-202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP-202 ETC2-MP-202 Datasheet
129Kb / 1P
Plug Low Voltage, 1.7mm
logo
Multicomp Pro
MP-202 MULTICOMP-MP-202 Datasheet
143Kb / 1P
Plug Low Voltage, 1.7mm
19/01/21 V1.0
logo
PATLITE CORPORATION.
MP-202C PATLITE-MP-202C Datasheet
312Kb / 2P
LED unit
Rev. D
More results

Similar Description - MP-202

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
LED-CONVERTER UNIT
PS-LD0304-1 POWER-SYSTEMS-PS-LD0304-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
LED CONVERTER UNIT
logo
Marl International Limi...
084-501-22 MARL-084-501-22_13 Datasheet
289Kb / 4P
LED Bulkhead Unit
084-501-22 MARL-084-501-22_15 Datasheet
289Kb / 4P
LED Bulkhead Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com