Electronic Components Datasheet Search
  English  ▼

X  

MPS-202 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # MPS-202
Description  LED unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

MPS-202 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  MPS-202 Datasheet HTML 1Page - PATLITE CORPORATION. MPS-202 Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
Page
SPECIFICATIONS
Drawing No.
Rev.
MPS-502-W18
H
Rated Voltage
Operating Voltage Range
MPS-502
Model
5 tiers
1 tier
MPS-102
3 tiers
2 tiers
24V AC/DC (50/60Hz)
Per Unit
Red:29.0mA, Amber:29.5mA, Green:17.1mA, Blue:17.1mA, White:17.1mA
Per Unit
Typ.
Operating Ambient Temperature
-30℃ to +60℃
Conforms to the CE Requirements
MPS-402
MPS-302
MPS-202
4 tiers
Mounting Direction
Upright
Red:32.7mA, Amber:34.5mA, Green:21.4mA, Blue:21.4mA, White:21.4mA
Max.
UL Registered Model
RoHS Directive (EN IEC 63000)
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
Outer Dimensions
Refer to the Outer Dimension Drawing
Conformity Standards
Signal Wire Current
MPS-_02
Operating Ambient Humidity
Rated Voltage ±10%
Protection Rating
IP65 (IEC 60529)
Vibration Resistance
19.6m/s²
Insulation Resistance
More than 1MΩ at 500VDC between the terminals and the chassis
Less than 90% (No condensation)
Mounting Location
Indoors
Remarks
Withstand Voltage
500VAC applied for 1min between terminals and chassis without breaking insulation
Luminous Intensity
Red:550mcd, Amber:650mcd, Green:1900mcd, Blue:700mcd, White:1600mcd
Mass (Tolerance ±10%)
1 tier:0.11kg, 2 tiers:0.13kg, 3 tiers:0.15kg, 4 tiers:0.17kg, 5 tiers:0.19kg
UL Recognized Component (File No.E215660)
Conforms to the UKCA Requirements
Model Number Configuration
MPS-□02-□□□□□
Tier
1 : 1 tier
2 : 2 tiers
3 : 3 tiers
4 : 4 tiers
5 : 5 tiers
Luminous Color
R : Red
Y : Amber
G : Green
B : Blue
C : White
1/2


Similar Part No. - MPS-202

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
MPS-202C PATLITE-MPS-202C Datasheet
611Kb / 1P
LED Signal Tower
Ver.2.0
MPS-202C+ PATLITE-MPS-202C+ Datasheet
611Kb / 1P
LED Signal Tower
Ver.2.0
MPS-202C-RYG PATLITE-MPS-202C-RYG Datasheet
611Kb / 1P
LED Signal Tower
Ver.2.0
MPS-202C-RYG+FB247 PATLITE-MPS-202C-RYG+FB247 Datasheet
611Kb / 1P
LED Signal Tower
Ver.2.0
MPS-202C-YB PATLITE-MPS-202C-YB Datasheet
611Kb / 1P
LED Signal Tower
Ver.2.0
More results

Similar Description - MPS-202

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
LED-CONVERTER UNIT
PS-LD0304-1 POWER-SYSTEMS-PS-LD0304-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
LED CONVERTER UNIT
logo
Marl International Limi...
084-501-22 MARL-084-501-22_13 Datasheet
289Kb / 4P
LED Bulkhead Unit
084-501-22 MARL-084-501-22_15 Datasheet
289Kb / 4P
LED Bulkhead Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com