Electronic Components Datasheet Search
  English  ▼

X  

NHV4-2P Datasheet(PDF) 6 Page - PATLITE CORPORATION.

Part # NHV4-2P
Description  Network Signal Tower with Voice Annunciator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHV4-2P Datasheet(HTML) 6 Page - PATLITE CORPORATION.

Back Button NHV4-2P Datasheet HTML 2Page - PATLITE CORPORATION. NHV4-2P Datasheet HTML 3Page - PATLITE CORPORATION. NHV4-2P Datasheet HTML 4Page - PATLITE CORPORATION. NHV4-2P Datasheet HTML 5Page - PATLITE CORPORATION. NHV4-2P Datasheet HTML 6Page - PATLITE CORPORATION. NHV4-2P Datasheet HTML 7Page - PATLITE CORPORATION. NHV4-2P Datasheet HTML 8Page - PATLITE CORPORATION. NHV4-2P Datasheet HTML 9Page - PATLITE CORPORATION. NHV4-2P Datasheet HTML 10Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
*1 It can be used when e-mail or SNMP is set to "Active" in the RSH/SSH Command Configuration.
*2 It is possible to play back received text data by performing speech synthesis in real time.
Notification Sounds can be played in combination with before or after a synthesis sound.
*3 Signal Tower "Red", "Amber" and "Green", and Flashing pattern 1
*4 Buzzer pattern1 and Buzzer pattern2
*5 In memory playback mode, you can proceed to the next message
*6 It is possible to stop only the buzzer while maintaining the state of Signal Tower.
Control using specific characters (control tags) included in detected email content
-
-
"Clear" Button
✓
✓
*5
✓
*6
✓
✓
✓
✓
SNMP Command
✓
✓
✓
✓
-
-
PHN
△
*3
-
△
*4
-
-
-
-
-
-
Socket
PNS
✓
✓
✓
✓
-
-
HTTP Command
✓
✓
*2
✓
✓
-
✓
*1
-
SSH Command
✓
✓
✓
✓
✓
*1
✓
*1
-
RSH Command
✓
✓
✓
✓
✓
*1
Controllable Action
Command
Signal Tower
Sound
Buzzer
Digi-Out
e-mail
SNMP
HTTP
Condition Agreement
Detectable Type
Change Detection
Detectable Type
Number of Condition
Detection Target
Mail Detection
Control by the email
Decision condition
20
Sender, Subject, Body text
[Matches with], [Beginning with], [Include], [Be free of]
Encryption Method
SSL/TLS, STARTTLS, none
Mail check interval
10 - 3600 seconds
Filter Rule
Conditions for detecting target emails can be set.
Detect incoming mail on the mail server.
Protocol
IMAP, IMAPS, POP3, POP3S
Authentication method
Password Authentication, OAuth2
Read aloud of the email
Play email content with speech synthesis.
INTEGER, OCTET STRING (String data, Binary data)
Detection that the acquired value has changed
INTEGER
Monitor Function
their status can be acquisitioned periodically and monitored.
Monitoring Cycle
1 - 60 seconds
Detection method
Condition Agreement Detection : 20 Change Detection : 5
Dtection that the acquired value meets the condition
Detectable Type
INTEGER, OCTET STRING (String data, Binary data)
SNMP Supported Equipment
For SNMP Supported equipment, with SNMP command,
Version
v1 / v2c / v3
SNMP Trap Reception Function
Trap Reception detection
Version
v1 / v2c / v3
Number of Reception
64
variable-bindings
2 OID per 1 Trap Reception
Monitoring Cycle
1 - 600 seconds
Sending Count
The number of times to detect can be set from 1 to 30.
Number of Sending
The number of sending Ping by one monitoring can be set from 1 to 3.
4.2. External Monitoring Function
Ping Monitoring Function
Network abnormality detection by sending Ping network devices
Number of Monitoring
24
Number of Group
3
Drawing No.
Rev.
Page
H
6/11
NHV6-3-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com