Electronic Components Datasheet Search
  English  ▼

X  

HDRAZ2-1 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDRAZ2-1
Description  CA HDMI-M/RA-M LSZH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDRAZ2-1 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDRAZ2-1 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UL STYLE 21551,
(5) INDIVIDUALLY SHIELDED TWISTED PAIRS, 28AWG, WITH DRAIN WIRE,
(4) INDIVIDUAL CONDUCTORS, 28AWG,
OVERALL SHIELD: ALUMINUM MYLAR PLUS BRAIDED TINNED COPPER,
OUTER JACKET: LOW SMOKE ZERO HALOGEN, BLACK
LENGTH
°
FRACTIONS
CA HDMI-M/RA-M LSZH
UNDIMENSIONED FEATURES
NONE
10/19/11
OVERALL CABLE LENGTH TOLERANCE:
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
43321
PRODUCT DESCRIPTION
AUDIO/VIDEO
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
HDRAZ2
C
1
DATE
8
6
1
D. PARHAM
10/19/11
REVISIONS
DESCRIPTION
MAY OCCUR
7
APPROVED
DIMENSIONS ARE IN INCHES [mm]
CATEGORY
D.GRIFFIN
B.ZHANG
10/20/11
10/20/11
ECN 9020; REVISED NOTES TO REMOVE HDMI LABEL, NEW DWG FORMAT
C
REV
MAY VARY
ECN 10853; REVISE UL STYLE TO 21551,ADD LSZH CBL CHARACTERISTICS TO DWG,NEW FORMAT
12/22/2020 M.BLACKWOOD
INITIAL RELEASE
CAD FILE:
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
12/22/2017
1.978.682.6936
HDRAZ2.SLDDRW
ANGLES ± 1
± 1/32
CAGE CODE
A
North Andover, MA 01845 USA.
T-Rev.D
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
>60 [1524] ≤120 [3048] = +4 [102] / -0
Phone: 1.800.341.5266
>120 [3048] ≤300 [7620] = +6 [152] / -0
ALL OTHER DIMENSIONAL TOLERANCES:
>300 [7620] = +5% / -0
B
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
.X =
.2 [5]
.XX =
.02 [.5]
.XXX = .005 [.13]
44.5
1.75
.41
10.5
18
2
MODEL NO.
LENGTH
METERS [FEET]
HDRAZ2-0.5
0.5 [1.64]
HDRAZ2-1
1.0 [3.28]
HDRAZ2-2
2.0 [6.56]
HDRAZ2-3
3.0 [9.84]
HDRAZ2-4
4.0 [13.12]
HDRAZ2-5
5.0 [16.41]
WIRE MAP
10
14
18
3
5
9
7
16
3
"P2"
16
10
17
11
19
18
7
9
13
13
12
15
17
8
15
19
6
14
6
5
1
4
2
2
1
11
SHELL
"P1"
SHELL
4
8
DRAIN WIRE/BRAID
12
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
3. DUST COVERS INSTALLED FOR SHIPPING (NOT SHOWN).
C
C
"P1"
"P2"
C
C
PIN 1
19
HDMI MALE
19 PIN CONNECTOR
GOLD PLATED CONTACTS
HDMI MALE
19 PIN CONNECTOR
GOLD PLATED CONTACTS
LSZH, BLACK
LSZH, BLACK
AND STRAIN RELIEF,
MOLDED HOOD
MOLDED HOOD
AND STRAIN RELIEF,
LSZH CABLE CHARACTERISTICS:
FLAME RATING: IEC 60332-1
CORROSIVE GAS: IEC 60754
SMOKE EMISSION: IEC 61034
18
2
PIN 1
19


Similar Part No. - HDRAZ2-1

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDRAZ2-1 L-COM-HDRAZ2-1 Datasheet
222Kb / 1P
CA HDMI-M/RA-M LSZH
10/19/11
HDRAZ2-1 L-COM-HDRAZ2-1 Datasheet
222Kb / 1P
CA HDMI-M/RA-M LSZH
10/19/11
HDRAZ2-1 L-COM-HDRAZ2-1 Datasheet
222Kb / 1P
CA HDMI-M/RA-M LSZH
10/19/11
HDRAZ2-1 L-COM-HDRAZ2-1 Datasheet
222Kb / 1P
CA HDMI-M/RA-M LSZH
10/19/11
HDRAZ2-1 L-COM-HDRAZ2-1 Datasheet
222Kb / 1P
CA HDMI-M/RA-M LSZH
10/19/11
More results

Similar Description - HDRAZ2-1

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
1721017-30 QUALTEK-1721017-30 Datasheet
444Kb / 1P
HDMI/M - HDMI/M
logo
Molex Electronics Ltd.
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Assmann Electronics Inc...
AK-330102-020-S ASSMANN-AK-330102-020-S Datasheet
323Kb / 2P
HDMI A/M - A/M CABLE
AK-330102-050-S ASSMANN-AK-330102-050-S Datasheet
322Kb / 2P
HDMI A/M - A/M CABLE
AK-330300-100-S ASSMANN-AK-330300-100-S Datasheet
306Kb / 2P
HDMI 19P/M - DVI_D/M CABLE
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A Datasheet
1Mb / 8P
MMCX(M) RA Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com